Electronic Components Datasheet Search
  English  ▼

X  

ES9080 Datasheet(PDF) 50 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 50 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 46Page - ESS Technology,Inc ES9080 Datasheet HTML 47Page - ESS Technology,Inc ES9080 Datasheet HTML 48Page - ESS Technology,Inc ES9080 Datasheet HTML 49Page - ESS Technology,Inc ES9080 Datasheet HTML 50Page - ESS Technology,Inc ES9080 Datasheet HTML 51Page - ESS Technology,Inc ES9080 Datasheet HTML 52Page - ESS Technology,Inc ES9080 Datasheet HTML 53Page - ESS Technology,Inc ES9080 Datasheet HTML 54Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
50
Register 7: ANALOG CTRL DELAY
Bits
[7:6]
[5:3]
[2:0]
Default
2'd2
3'd5
3'd3
Bits
Mnemonic
Description
[7:6]
DAC_REG_DELAY_SEL
Sets the delay between DAC reference is enabled and DAC
regulators are enabled.
•
2'd0: zero delay
•
2'd1: (5ms * (50MHz / FSYS_CLK)) /
2^SYS_MODE_CLK_GEAR
•
2'd2: (10ms * (50MHz / FSYS_CLK)) /
2^SYS_MODE_CLK_GEAR (default)
•
2'd3: (20ms * (50MHz / FSYS_CLK)) /
2^SYS_MODE_CLK_GEAR
[5:3]
FC_LN_DELAY_SEL
Sets the delay between DAC reference is enabled and LN
mode is enabled.
•
3'd0: zero delay
•
3'd1: (20ms * (50MHz / FSYS_CLK)) /
2^SYS_MODE_CLK_GEAR
•
3'd2: (40ms * (50MHz / FSYS_CLK)) /
2^SYS_MODE_CLK_GEAR
•
3'd3: (80ms * (50MHz / FSYS_CLK)) /
2^SYS_MODE_CLK_GEAR
•
3'd4: (160ms * (50MHz / FSYS_CLK)) /
2^SYS_MODE_CLK_GEAR
•
3'd5: (200ms * (50MHz / FSYS_CLK)) /
2^SYS_MODE_CLK_GEAR (default)
•
3'd6: (400ms * (50MHz / FSYS_CLK)) /
2^SYS_MODE_CLK_GEAR
•
3'd7: (800ms * (50MHz / FSYS_CLK)) /
2^SYS_MODE_CLK_GEAR
[2:0]
SYS_MODE_CLK_GEAR
Speeds up analog control delays by
2^SYS_MODE_CLK_GEAR times.
•
3’d3: Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com