| Electronic Components Datasheet Search |
|
ES9080 Datasheet(PDF) 104 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9080 Datasheet(HTML) 104 Page - ESS Technology,Inc |
|
104 / 146 page ![]() CONFIDENTIAL ADVANCE INFORMATION 0.4.3 ES9080 Product Datasheet ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM 104 Register 139: DRE FORCE Bits [7] [6] [5] [4] [3] [2] [1] [0] Default 1'b0 1'b0 1'b0 1'b0 1'b0 1'b0 1'b0 1'b0 Bits Mnemonic Description [7] DRE_FORCE_CH8 Force ch8 into DRE mode even if zero cross has not occurred. • 1'b0: DRE engages when signal is below DRE threshold and a signal zero cross is detected (default) • 1'b1: DRE engages when the signal is below DRE threshold, signal zero cross is ignored [6] DRE_FORCE_CH6 Force ch6 into DRE mode even if zero cross has not occurred. • 1'b0: DRE engages when signal is below DRE threshold and a signal zero cross is detected (default) • 1'b1: DRE engages when the signal is below DRE threshold, signal zero cross is ignored [5] DRE_FORCE_CH4 Force ch4 into DRE mode even if zero cross has not occurred. • 1'b0: DRE engages when signal is below DRE threshold and a signal zero cross is detected (default) • 1'b1: DRE engages when the signal is below DRE threshold, signal zero cross is ignored [4] DRE_FORCE_CH2 Force ch2 into DRE mode even if zero cross has not occurred. • 1'b0: DRE engages when signal is below DRE threshold and a signal zero cross is detected (default) • 1'b1: DRE engages when the signal is below DRE threshold, signal zero cross is ignored [3] DRE_FORCE_CH7 Force ch7 into DRE mode even if zero cross has not occurred. • 1'b0: DRE engages when signal is below DRE threshold and a signal zero cross is detected (default) • 1'b1: DRE engages when the signal is below DRE threshold, signal zero cross is ignored [2] DRE_FORCE_CH5 Force ch5 into DRE mode even if zero cross has not occurred. • 1'b0: DRE engages when signal is below DRE threshold and a signal zero cross is detected (default) • 1'b1: DRE engages when the signal is below DRE threshold, signal zero cross is ignored [1] DRE_FORCE_CH3 Force ch3 into DRE mode even if zero cross has not occurred. • 1'b0: DRE engages when signal is below DRE threshold and a signal zero cross is detected (default) • 1'b1: DRE engages when the signal is below DRE threshold, signal zero cross is ignored |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |