Electronic Components Datasheet Search
  English  ▼

X  

ES9080Q Datasheet(PDF) 102 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 102 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 98Page - ESS Technology,Inc ES9080Q Datasheet HTML 99Page - ESS Technology,Inc ES9080Q Datasheet HTML 100Page - ESS Technology,Inc ES9080Q Datasheet HTML 101Page - ESS Technology,Inc ES9080Q Datasheet HTML 102Page - ESS Technology,Inc ES9080Q Datasheet HTML 103Page - ESS Technology,Inc ES9080Q Datasheet HTML 104Page - ESS Technology,Inc ES9080Q Datasheet HTML 105Page - ESS Technology,Inc ES9080Q Datasheet HTML 106Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
102
Register 132: NSMOD DITHER CH34
Bits
[7:4]
[3:0]
Default
4'd0
4'd0
Bits
Mnemonic
Description
[7:4]
DITHER_SCALE_CH4
Alters the amount of dither to inject into the ch4 NS quantizer
•
4’d0: Minimum (default)
•
4’d15: Maximum
[3:0]
DITHER_SCALE_CH3
Alters the amount of dither to inject into the ch3 NS quantizer
•
4’d0: Minimum (default)
•
4’d15: Maximum
Register 133: NSMOD DITHER CH56
Bits
[7:4]
[3:0]
Default
4'd0
4'd0
Bits
Mnemonic
Description
[7:4]
DITHER_SCALE_CH6
Alters the amount of dither to inject into the ch6 NS quantizer
•
4’d0: Minimum (default)
•
4’d15: Maximum
[3:0]
DITHER_SCALE_CH5
Alters the amount of dither to inject into the ch5 NS quantizer
•
4’d0: Minimum (default)
•
4’d15: Maximum
Register 134: NSMOD DITHER CH78
Bits
[7:4]
[3:0]
Default
4'd0
4'd0
Bits
Mnemonic
Description
[7:4]
DITHER_SCALE_CH8
Alters the amount of dither to inject into the ch8 NS quantizer
•
4’d0: Minimum (default)
•
4’d15: Maximum
[3:0]
DITHER_SCALE_CH7
Alters the amount of dither to inject into the ch7 NS quantizer
•
4’d0: Minimum (default)
•
4’d15: Maximum
Register 135: MIN PEAK
Bits
[7:1]
[0]
Default
7'd0
1'b1
Bits
Mnemonic
Description
[7:1]
RESERVED
NA
[0]
MIN_PEAK
DRE peak detector start point control.
•
1'b0: DRE peak detector starts from max
•
1'b1: DRE peak detector starts from min (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com