Electronic Components Datasheet Search
  English  ▼

X  

ES9080Q Datasheet(PDF) 106 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 106 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 102Page - ESS Technology,Inc ES9080Q Datasheet HTML 103Page - ESS Technology,Inc ES9080Q Datasheet HTML 104Page - ESS Technology,Inc ES9080Q Datasheet HTML 105Page - ESS Technology,Inc ES9080Q Datasheet HTML 106Page - ESS Technology,Inc ES9080Q Datasheet HTML 107Page - ESS Technology,Inc ES9080Q Datasheet HTML 108Page - ESS Technology,Inc ES9080Q Datasheet HTML 109Page - ESS Technology,Inc ES9080Q Datasheet HTML 110Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
106
Register 145-144: DRE ON THRESHOLD
Bits
[15:0]
Default
16'd0
Bits
Mnemonic
Description
[15:0]
DRE_ON_THRESH
DRE on threshold. Shift right 1 bit corresponds to -6dB.
•
16’h0000: (default, invalid value for DRE)
•
16’h0001: -114dB
•
…
•
16'h0FFF: -48dB
•
16'h1FFF: -42dB
•
16'h3FFF: -36dB
•
16'h7FFF: -30dB
•
16'hFFFF: -24dB
Register 147-146: DRE OFF THRESHOLD
Bits
[15:0]
Default
16'd0
Bits
Mnemonic
Description
[15:0]
DRE_OFF_THRESH
DRE off threshold. Shift right 1 bit corresponds to -6dB.
•
16’h0000: (default, invalid value for DRE)
•
16’h0001: -114dB
•
…
•
16'h0FFF: -48dB
•
16'h1FFF: -42dB
•
16'h3FFF: -36dB
•
16'h7FFF: -30dB
•
16'hFFFF: -24dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com