Electronic Components Datasheet Search
  English  ▼

X  

ES9080Q Datasheet(PDF) 107 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 107 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 103Page - ESS Technology,Inc ES9080Q Datasheet HTML 104Page - ESS Technology,Inc ES9080Q Datasheet HTML 105Page - ESS Technology,Inc ES9080Q Datasheet HTML 106Page - ESS Technology,Inc ES9080Q Datasheet HTML 107Page - ESS Technology,Inc ES9080Q Datasheet HTML 108Page - ESS Technology,Inc ES9080Q Datasheet HTML 109Page - ESS Technology,Inc ES9080Q Datasheet HTML 110Page - ESS Technology,Inc ES9080Q Datasheet HTML 111Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
107
ES9080 Product Datasheet
Register 148: DRE DECAY RATE
Bits
[7]
[6:5]
[4:0]
Default
1'b0
2'd0
5'd0
Bits
Mnemonic
Description
[7]
DRE_FORCE_LEVEL
Force ch1-8 into DRE mode even if zero cross has not
occurred.
[6:5]
RESERVED
NA
[4:0]
DRE_DECAY_RATE
Sets the speed at which the stored value of the DRE peak
detector will decay when the input signal is below the stored
value.
•
5'd31 = slowest decay
•
5'd0 = instant decay
Register 150-149: DC OFFSET CH1/3/5/7
Bits
[15:0]
Default
16'd0
Bits
Mnemonic
Description
[15:0]
DC_OFFSET1357
DC offset for ch1/3/5/7
������������������������������������������ =
������������_������������������������������������2468
224 − 1
∗ ������
Register 152-151: DC OFFSET CH2/4/6/8
Bits
[15:0]
Default
16'd0
Bits
Mnemonic
Description
[15:0]
DC_OFFSET2468
DC offset for ch2/4/6/8
������������������������������������������ =
������������_������������������������������������2468
224 − 1
∗ ������
Register 153: DC RAMP RATE
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
DC_RAMP_RATE
Value by which the old DC value is incremented/decremented
per sample to reach the new dc value.
Valid from 8’d0 (instant) to 8’d255 (fastest), where 8’d1 is the
slowest ramp rate.
•
8’d0: Instant (default)
•
8’d1: Slowest
•
8’d255: Fastest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com