Electronic Components Datasheet Search
  English  ▼

X  

ES9080Q Datasheet(PDF) 111 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 111 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 107Page - ESS Technology,Inc ES9080Q Datasheet HTML 108Page - ESS Technology,Inc ES9080Q Datasheet HTML 109Page - ESS Technology,Inc ES9080Q Datasheet HTML 110Page - ESS Technology,Inc ES9080Q Datasheet HTML 111Page - ESS Technology,Inc ES9080Q Datasheet HTML 112Page - ESS Technology,Inc ES9080Q Datasheet HTML 113Page - ESS Technology,Inc ES9080Q Datasheet HTML 114Page - ESS Technology,Inc ES9080Q Datasheet HTML 115Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
111
ES9080 Product Datasheet
Register 193: PLL REGISTER2
Bits
[7]
[6]
[5]
[4:3]
[2:1]
[0]
Default
1'b0
1'b0
1'b0
2'd0
2'd0
1'b0
Bits
Mnemonic
Description
[7]
PLL_BYP
PLL bypass mode.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[6]
DVDD_SHUNTB
Enables digital regulator output shunt to ground (10k). Active
low.
•
1’b0: Enabled (default)
•
1’b1: Disabled
[5]
SEL_1V_DREG
Sets digital regulator output voltage to 1V
•
1’b0: Disabled (default)
•
1’b1: Enabled
[4:3]
PLL_HVREG_VREF_SEL
PLL HVREG reference voltage selection
•
2'b11: 1.7 V (Optimum setting, normal operation)
•
Others: reserved
[2:1]
SEL_PLL_IN
Selects PLL input clock sources.
•
2'd0: XTAL (default)
•
2'd1: MCLK
•
2'd2: XIN
•
2'd3: BCK
[0]
EN_PLL_CLKIN
PLL input clocks control.
•
1'b0: Disables PLL input clocks (default)
•
1'b1: Enables PLL input clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com