Electronic Components Datasheet Search
  English  ▼

X  

ES9080Q Datasheet(PDF) 144 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 144 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 138Page - ESS Technology,Inc ES9080Q Datasheet HTML 139Page - ESS Technology,Inc ES9080Q Datasheet HTML 140Page - ESS Technology,Inc ES9080Q Datasheet HTML 141Page - ESS Technology,Inc ES9080Q Datasheet HTML 142Page - ESS Technology,Inc ES9080Q Datasheet HTML 143Page - ESS Technology,Inc ES9080Q Datasheet HTML 144Page - ESS Technology,Inc ES9080Q Datasheet HTML 145Page - ESS Technology,Inc ES9080Q Datasheet HTML 146Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 144 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
144
Revision History
Current Version 0.4.3
Rev.
Date
Notes
0.1
December 10, 2020
Initial Release
0.1.1
December 20, 2020
•
Added Recommended Power-Up Sequence
•
Removed “ESS” logo from pinout
0.2
January 25, 2021
•
Removed GPIO7-10 references
•
Added Register Descriptions for Registers 7,50[6:3]&[0],82,109,128-129
•
Added Register Descriptions for Registers 131-134,136,139
•
Added Audio Interface Timing
•
Added APLL frequency formula and block diagram
•
Added Reflow Process Considerations
•
Added Top View Marking
•
Added notes on DSD automute and power savings with GPIO5/6 connection to
schematic
•
Added PCM frequency and impulse responses for the 5 built in digital filters
•
Register 0[5:2] are reserved
•
Added note on THD compensation using differential mode
0.2.1
January 28, 2021
•
Added PLL Bypass to APLL diagram
0.2.2
January 29, 2021
•
Added Register Descriptions for Registers 92 & 195
•
Added equations for Register 102-104
0.2.3
March 15, 2021
•
Updated Registers 200-202 descriptions
0.3
April 18, 2021
•
Corrected typo for registers 94-101 for 8’bxx to 8’dxx
•
Updated PLL section
•
Corrected Automute_time equation
•
Updated Register 202,203 Descriptions
•
Updated Registers 5[2:1] & 6 Descriptions
•
Updated Register 31 Defaults
•
Updated HBM & CDM values
•
Updated Register 200 [0] description
0.3.1
June 1, 2021
•
Updated Registers 6,49,193 descriptions
•
Added Register 127 descriptions
•
Updated Register 126[4:0] with formula
•
Moved S/PDIF encoders to Output Formats
•
Updated Registers 121-120[10:0] Automute time equation
•
Added Register 123-122 Automute level equation
•
Added Register 125-124 Automute OFF level equation
•
Recommend change Register 129[6:4] to 3’d5 for all sample rates.
•
Added Register 60 Weak Keeper definition
•
Added Digital Filter characteristics
0.3.2
June 15, 2021
•
Updated most register descriptions for clarity
•
Minor formatting changes
•
Modified Register order in APLL configuration, Register 202 to be written first.
•
Updated Register 136 Descriptions
•
Updated Register 62 mnemonic names for clarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com