Electronic Components Datasheet Search
  English  ▼

X  

ES9080QT Datasheet(PDF) 41 Page - ESS Technology,Inc

Part # ES9080QT
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080QT Datasheet(HTML) 41 Page - ESS Technology,Inc

Back Button ES9080QT Datasheet HTML 37Page - ESS Technology,Inc ES9080QT Datasheet HTML 38Page - ESS Technology,Inc ES9080QT Datasheet HTML 39Page - ESS Technology,Inc ES9080QT Datasheet HTML 40Page - ESS Technology,Inc ES9080QT Datasheet HTML 41Page - ESS Technology,Inc ES9080QT Datasheet HTML 42Page - ESS Technology,Inc ES9080QT Datasheet HTML 43Page - ESS Technology,Inc ES9080QT Datasheet HTML 44Page - ESS Technology,Inc ES9080QT Datasheet HTML 45Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
41
ES9080 Product Datasheet
0x34
52
SPDIF
CONFIG
SPDIF2_SEL
SPDIF1_SEL
RESERVED
0x35
53
GPIO1/2
CONFIG
GPIO2_CFG
GPIO1_CFG
0x36
54
GPIO3/4
CONFIG
GPIO4_CFG
GPIO3_CFG
0x37
55
GPIO5/6
CONFIG
GPIO6_CFG
GPIO5_CFG
0x38-
0x39
56-57
RESERVED
RESERVED
0x3A
58
GPIO INVERT
AND OUTPUT
LOGIC
RESERVED
INVERT_GPIO6
INVERT_GPIO5
INVERT_GPIO4
INVERT_GPIO3
INVERT_GPI
O2
INVERT_GPIO1
0x3B
59
GPIO INVERT
AND OUTPUT
LOGIC
GPIO_OR_SS_R
AMP
GPIO_OR_VOL_M
IN
GPIO_OR_AUT
OMUTE
GPIO_AND_SS_RA
MP
GPIO_AND_VOL_MIN
GPIO_AND_AUTO
MUTE
RESERVED
0x3C
60
GPIO WEAK
EN AND CH
SEL
RESERVED
GPIO6_WK_EN
GPIO5_WK_EN
GPIO4_WK_EN
GPIO3_WK_EN
GPIO2_WK_
EN
GPIO1_WK_EN
0x3D
61
GPIO WEAK
EN AND CH
SEL
RESERVED
GPIO_SEL
RESERVED
0x3E
62
GPIO INPUT
ENABLE
RESERVED
GPIO6_IE
GPIO5_IE
GPIO4_IE
GPIO3_IE
GPIO2_IE
GPIO1_IE
0x3F
63
GPIO INPUT
ENABLE
RESERVED
RESERVED
0x40
64
GPIO OUTPUT
ENABLE
RESERVED
GPIO6_OE
GPIO5_OE
GPIO4_OE
GPIO3_OE
GPIO2_OE
GPIO1_OE
0x41
65
GPIO OUTPUT
ENABLE
SPDIF_SEL_GPI
O6
SPDIF_SEL_GPIO
5
SPDIF_SEL_GPI
O4
SPDIF_SEL_GPIO3
SPDIF_SEL_GPIO2
SPDIF_SEL_GPIO
1
RESERVED
0x42
66
GPIO READ
ENABLE
RESERVED
GPIO6_READ
GPIO5_READ
GPIO4_READ
GPIO3_READ
GPIO2_REA
D
GPIO1_READ
0x43
67
GPIO READ
ENABLE
RESERVED
GPIO_AMP_MODE
GPIO1_AS_DATA8
RESERVED
0x44
68
PWM1 COUNT
PWM1_COUNT
0x45
69
PWM1
FREQUENCY
PWM1_FREQ
0x46
70
PWM1
FREQUENCY
PWM1_FREQ
0x47
71
PWM2 COUNT
PWM2_COUNT
0x48
72
PWM2
FREQUENCY
PWM2_FREQ
0x49
73
PWM2
FREQUENCY
PWM2_FREQ
0x4A
74
PWM3 COUNT
PWM3_COUNT
0x4B
75
PWM3
FREQUENCY
PWM3_FREQ
0x4C
76
PWM3
FREQUENCY
PWM3_FREQ
0x4D
77
INPUT
CONFIG
RESERVED
DSD_MASTER_
MODE
ENABLE_MASTER_
MODE
INPUT_SEL
AUTO_INPUT_SELECT
0x4E
78
MASTER
MODE
CONFIG
RESERVED
MASTER_BCK_DI
V1
MASTER_WS_I
DLE
MASTER_FRAME_LENGTH
MASTER_WS_PU
LSE_MODE
MASTER_W
S_INVERT
MASTER_BCK_IN
VERT
0x4F
79
TDM CONFIG1
TDM_RESYNC
MASTER_WS_SCALE
TDM_CH_NUM
0x50
80
TDM CONFIG2
TDM_LJ_MODE
TDM_VALID_EDG
E
TDM_VALID_PULSE_LEN
0x51
81
TDM CONFIG3
TDM_BIT_WIDTH
TDM_CHAIN_M
ODE
TDM_DATA_LATCH_ADJ
0x52
82
BCK/WS
MONITOR
CONFIG
RESERVED
ENABLE_WS_M
ONITOR
ENABLE_BCK_MON
ITOR
BCK_TIMER_DIV
0x53
83
TDM VALID
PULSE
CONFIG
TDM_VALID_PULSE_POS
0x54
84
TDM CH1
CONFIG
TDM_VALID_PU
LSE_POS_MSB
RESERVED
TDM_CH1_LINE_SEL
TDM_CH1_SLOT_SEL
0x55
85
TDM CH2
CONFIG
RESERVED
TDM_CH2_LINE_SEL
TDM_CH2_SLOT_SEL
0x56
86
TDM CH3
CONFIG
RESERVED
TDM_CH3_LINE_SEL
TDM_CH3_SLOT_SEL
0x57
87
TDM CH4
CONFIG
RESERVED
TDM_CH4_LINE_SEL
TDM_CH4_SLOT_SEL
0x58
88
TDM CH5
CONFIG
RESERVED
TDM_CH5_LINE_SEL
TDM_CH5_SLOT_SEL
0x59
89
TDM CH6
CONFIG
RESERVED
TDM_CH6_LINE_SEL
TDM_CH6_SLOT_SEL
0x5A
90
TDM CH7
CONFIG
RESERVED
TDM_CH7_LINE_SEL
TDM_CH7_SLOT_SEL
0x5B
91
TDM CH8
CONFIG
RESERVED
TDM_CH8_LINE_SEL
TDM_CH8_SLOT_SEL
0x5C
92
RESYNC
CONFIG
RESERVED
SYNC_DAC_CLK_DI
V
DOP_CLK_RESYNC
VOL_THD_RESYN
C
FIR_RESYN
C
FS_RESYNC
0x5C-
0x5D
92-93
RESERVED
RESERVED
0x5E
94
VOLUME1
VOLUME1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com