Electronic Components Datasheet Search
  English  ▼

X  

ES9080QT Datasheet(PDF) 90 Page - ESS Technology,Inc

Part # ES9080QT
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080QT Datasheet(HTML) 90 Page - ESS Technology,Inc

Back Button ES9080QT Datasheet HTML 86Page - ESS Technology,Inc ES9080QT Datasheet HTML 87Page - ESS Technology,Inc ES9080QT Datasheet HTML 88Page - ESS Technology,Inc ES9080QT Datasheet HTML 89Page - ESS Technology,Inc ES9080QT Datasheet HTML 90Page - ESS Technology,Inc ES9080QT Datasheet HTML 91Page - ESS Technology,Inc ES9080QT Datasheet HTML 92Page - ESS Technology,Inc ES9080QT Datasheet HTML 93Page - ESS Technology,Inc ES9080QT Datasheet HTML 94Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
90
Register 103: DAC VOL DOWN RATE
Bits
[7:0]
Default
8'd150
Bits
Mnemonic
Description
[7:0]
DAC_VOL_RATE_DOWN
Value by which the old VOLUME value is incremented to
reach the new VOLUME value.
Valid from 8’d1 (slowest) to 8’d255 (fastest), where 8’d0
instantly changes the VOLUME value.
Calculation of time ramp rate (in seconds):
2^14/(DAC_VOL_RATE_UP*FS)
•
8’d0 : Instant change
•
8’d150: Default
•
8’d255: Fastest change
Register 104: DAC VOL DOWN RATE FAST
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
DAC_VOL_RATE_FAST
Value by which the old VOLUME value is decremented to
reach the new VOLUME value.
Valid from 8’d1 (slowest) to 8’d255 (fastest), where 8’d0
instantly changes the VOLUME value.
Only used during abnormal mute (PLL unlock or BCK_WS
ratio have failed)
Calculation of time ramp rate (in seconds):
2^14/(DAC_VOL_RATE_UP*FS)
•
8’d0: Instant change (default)
•
8’d255: Fastest change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com