Electronic Components Datasheet Search
  English  ▼

X  

ES9080QT Datasheet(PDF) 97 Page - ESS Technology,Inc

Part # ES9080QT
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080QT Datasheet(HTML) 97 Page - ESS Technology,Inc

Back Button ES9080QT Datasheet HTML 93Page - ESS Technology,Inc ES9080QT Datasheet HTML 94Page - ESS Technology,Inc ES9080QT Datasheet HTML 95Page - ESS Technology,Inc ES9080QT Datasheet HTML 96Page - ESS Technology,Inc ES9080QT Datasheet HTML 97Page - ESS Technology,Inc ES9080QT Datasheet HTML 98Page - ESS Technology,Inc ES9080QT Datasheet HTML 99Page - ESS Technology,Inc ES9080QT Datasheet HTML 100Page - ESS Technology,Inc ES9080QT Datasheet HTML 101Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
97
ES9080 Product Datasheet
Register 121-120: AUTOMUTE TIME
Bits
[15]
[14]
[13:11]
[10:0]
Default
1'b1
1'b0
3'd0
11'd0
Bits
Mnemonic
Description
[15]
AUTOMUTE_RAMP_TO_GROUND
When ramped to minimum volume during normal mute, allow
soft ramp to ground for power saving.
•
1’b0: Disabled
•
1’b1: Enabled (default)
normal mute includes: automute, mute by register, mute by
GPIO
[14]
AUTOMUTE_WAIT_ON_DRE
Automute flag control.
•
1'b0: Automute is flagged when automute condition is
met (default)
•
1'b1: Automute is flagged when automute condition is
met and DRE is engaged
[13:11]
RESERVED
NA
[10:0]
AUTOMUTE_TIME
Configures the amount of time in seconds the audio must
remain below AUTOMUTE_LEVEL before an automute
condition is flagged.
Valid from 0 (disabled) to 11'h7FF (fastest), where 11'h001 is
the slowest
������������������������(������) =
218
(������������������������������������������������_������������������������ ∗ ������������)
Where FS (s) = 1/fs (in kHz), for example if fs = 44.1kHz,
FS(s) = 1/44.1e-3
Register 123-122: AUTOMUTE LEVEL
Bits
[15:0]
Default
16'd0
Bits
Mnemonic
Description
[15:0]
AUTOMUTE_LEVEL
Configures the threshold which the audio must be below
before an automute condition is flagged.
Valid from: 16'hFFFF (-42dB) to 16'h0001 (-132dB). Shift right
1 bit corresponds to -6dB.
•
16'h0001: -132dB
•
16'h0003: -126dB
•
16'h3FFF: -54dB
•
16'h7FFF: -48dB
•
16'hFFFF: -42dB
20 ∗ ������������������ (
������������������������������������������������_������������������������������
216
) − 42 ������������
Note: this register works in tandem with AUTOMUTE_TIME to
create the automute condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com