Electronic Components Datasheet Search
  English  ▼

X  

ES9080QT Datasheet(PDF) 94 Page - ESS Technology,Inc

Part # ES9080QT
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080QT Datasheet(HTML) 94 Page - ESS Technology,Inc

Back Button ES9080QT Datasheet HTML 90Page - ESS Technology,Inc ES9080QT Datasheet HTML 91Page - ESS Technology,Inc ES9080QT Datasheet HTML 92Page - ESS Technology,Inc ES9080QT Datasheet HTML 93Page - ESS Technology,Inc ES9080QT Datasheet HTML 94Page - ESS Technology,Inc ES9080QT Datasheet HTML 95Page - ESS Technology,Inc ES9080QT Datasheet HTML 96Page - ESS Technology,Inc ES9080QT Datasheet HTML 97Page - ESS Technology,Inc ES9080QT Datasheet HTML 98Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
94
Register 108: FILTER CONFIG
Bits
[7]
[6]
[5]
[4:3]
[2:0]
Default
1'b0
1'b1
1'b0
2'b10
3'd0
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6]
BYPASS_DEEMPH
De-emphasis filter control for channels 1/2.
•
1'b0: Enables de-emphasis filters, for ch1/2 only
•
1'b1: Disables de-emphasis filters (default)
[5]
PEAK_FILTER
DRE peak filter control.
•
1'b0: Disables DRE peak filter (default)
•
1'b1: Enables DRE peak filter
[4:3]
SEL_DEEMPH
Configures the de-emphasis filters for various sample rate.
•
2'b00: FS=32kHz
•
2'b01: FS=44.1kHz
•
2'b10: FS=48kHz (default)
•
2'b11: Reserved
[2:0]
FILTER_SHAPE
Selects the 8x interpolation FIR filter shape.
•
3'd0: Minimum phase (default)
•
3'd1: Linear phase apodizing
•
3'd2: Reserved
•
3'd3: Linear phase fast roll-off low ripple
•
3'd4: Reserved
•
3'd5: Reserved
•
3'd6: Minimum phase slow roll-off
•
3'd7: Minimum phase slow roll-off low dispersion
Note: Chosen filter shape is the same for all channels
Register 109: IIR CONFIG
Bits
[7:6]
[5:3]
[2:0]
Default
2'd1
3'd4
3'd4
Bits
Mnemonic
Description
[7:6]
IIR_DITHER_SCALE
IIR dither scaling. IIR dither amount is
IIR1_BW+IIR_DITHER_SCALE+2 bits.
•
2'b01: Default
•
2'b11: For Best low level linearity use this setting
[5:3]
RESERVED
NA
[2:0]
IIR1_BW
IIR1 bandwidth control.
•
3'b011: Bandwidth *2
•
3'b100: Normal conditions (default)
•
3'b101: Bandwidth/2
All other values are reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com