Electronic Components Datasheet Search
  English  ▼

X  

AM68X Datasheet(PDF) 2 Page - Texas Instruments

Part # AM68X
Description  AM68x Processors, Silicon Revision 1.0
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM68X Datasheet(HTML) 2 Page - Texas Instruments

  AM68X Datasheet HTML 1Page - Texas Instruments AM68X Datasheet HTML 2Page - Texas Instruments AM68X Datasheet HTML 3Page - Texas Instruments AM68X Datasheet HTML 4Page - Texas Instruments AM68X Datasheet HTML 5Page - Texas Instruments AM68X Datasheet HTML 6Page - Texas Instruments AM68X Datasheet HTML 7Page - Texas Instruments AM68X Datasheet HTML 8Page - Texas Instruments AM68X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 253 page
background image
• One USB 3.0 dual-role device (DRD) subsystem
– Enhanced SuperSpeed Gen1 Port
– Supports Type-C switching
– Independently configurable as USB host, USB
peripheral, or USB DRD
• Two CSI2.0 4L RX plus Two CSI2.04L TX
• Two Ethernet RMII/RGMII interfaces
Flash memory interfaces:
• Embedded MultiMediaCard Interface (eMMC™ 5.1)
• One Secure Digital® 3.0/Secure Digital Input
Output 3.0 interfaces (SD3.0/SDIO3.0)
• Two simultaneous flash interfaces configured as
– One OSPI or HyperBus™ or QSPI, and
– One QSPI
Technology / Package:
• 16-nm FinFET technology
• 23 mm x 23 mm, 0.8-mm pitch, 770-pin FCBGA
(ALZ)
2 Applications
• Machine Vision Camera and computers
• Smart shopping cart
• Retail automation
• Smart agriculture
• Video surveillance
• Traffic monitoring
• Autonomous Mobile Robots (AMR)
• Drone
• Industrial transport
• Industrial Human Machine Interfaces (HMI)
• Industrial PC
• Single board computers
• Patient monitoring and medical devices
3 Description
The AM68 scalable processor family is based on the evolutionary Jacinto™ 7 architecture, targeted at Smart
Vision Camera and General Compute applications and built on extensive market knowledge accumulated over
a decade of TI’s leadership in the Vision processor market. The AM68x family is built for a broad set of
cost-sensitive high-performance compute applications in Factory Automation, Building Automation, and other
markets.
The AM68 provides high performance compute technology for both traditional and deep learning algorithms
at industry leading power/performance ratios with a high level of system integration to enable scalability and
lower costs for advanced vision camera applications. Key cores include the latest Arm and GPU processors for
general compute, next generation DSP with scalar and vector cores, dedicated deep learning and traditional
algorithm accelerators, an integrated next generation imaging subsystem (ISP), video codec, and isolated MCU
island. All protected by industrial-grade safety and security hardware accelerators.
General Compute Cores and Integration Overview: Separate dual core cluster configuration of Arm®
Cortex®-A72 facilitates multi-OS applications with minimal need for a software hypervisor. Up to two Arm®
Cortex®-R5F subsystems enable low-level, timing critical processing tasks to leave the Arm® Cortex®-A72
core’s unencumbered for applications. Building on the existing world-class ISP, TI’s 7th generation ISP includes
flexibility to process a broader sensor suite, support for higher bit depth, and features targeting analytics
applications. Integrated diagnostics and safety features support operations up to SIL-2 levels while the
integrated security features protect data against modern day attacks. CSI2.0 ports enable multi sensor inputs.
Key Performance Cores Overview: The C7000™ DSP next generation core (“C7x”) combines TI’s industry
leading DSP and EVE cores into a single higher performance core and adds floating-point vector calculation
capabilities, enabling backward compatibility for legacy code while simplifying software programming. The new
“MMA” deep learning accelerator enables performance up to 8 Trillion Operations Per Second (TOPS) within
the lowest power envelope in the industry even when operating even at the worst case junction temperatures
of 105°C and 125°C. The dedicated Vision hardware accelerators provide vision pre-processing with no impact
on system performance. The C7x/MMA cores are available only for deep learning function in the AM68 class of
processors.
AM68A, AM68
SPRSP91A – FEBRUARY 2023 – REVISED AUGUST 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A AM68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com