| Electronic Components Datasheet Search |
|
AM68X Datasheet(PDF) 84 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM68X Datasheet(HTML) 84 Page - Texas Instruments |
|
84 / 253 page ![]() Table 6-91. MCASP2 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALZ PIN [4] MCASP2_AFSX IO MCASP Transmit Frame Sync AA27 MCASP2_AXR0 IO MCASP Serial Data (Input/Output) AA26 MCASP2_AXR1 IO MCASP Serial Data (Input/Output) AC27 MCASP2_AXR2 IO MCASP Serial Data (Input/Output) W28 MCASP2_AXR3 IO MCASP Serial Data (Input/Output) R28 MCASP2_AXR4 IO MCASP Serial Data (Input/Output) U24 Table 6-92. MCASP3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALZ PIN [4] MCASP3_ACLKR IO MCASP Receive Bit Clock AE27 MCASP3_ACLKX IO MCASP Transmit Bit Clock AE27 MCASP3_AFSR IO MCASP Receive Frame Sync AF26 MCASP3_AFSX IO MCASP Transmit Frame Sync AF26 MCASP3_AXR0 IO MCASP Serial Data (Input/Output) AH27 MCASP3_AXR1 IO MCASP Serial Data (Input/Output) AG26 MCASP3_AXR2 IO MCASP Serial Data (Input/Output) AH26 Table 6-93. MCASP4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALZ PIN [4] MCASP4_ACLKR IO MCASP Receive Bit Clock T25 MCASP4_ACLKX IO MCASP Transmit Bit Clock AD28 MCASP4_AFSR IO MCASP Receive Frame Sync W24 MCASP4_AFSX IO MCASP Transmit Frame Sync V26 MCASP4_AXR0 IO MCASP Serial Data (Input/Output) AD24 MCASP4_AXR1 IO MCASP Serial Data (Input/Output) U28 MCASP4_AXR2 IO MCASP Serial Data (Input/Output) AB26 MCASP4_AXR3 IO MCASP Serial Data (Input/Output) R27 MCASP4_AXR4 IO MCASPI Serial Data (Input/Output) AA25 6.3.22 DMTIMER 6.3.22.1 MAIN Domain Table 6-94. DMTIMER Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALZ PIN [4] TIMER_IO0 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AE25 TIMER_IO1 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AG25 TIMER_IO2 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) R22 TIMER_IO3 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) R24 TIMER_IO4 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) P24 TIMER_IO5 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) M23 TIMER_IO6 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) P23 AM68A, AM68 SPRSP91A – FEBRUARY 2023 – REVISED AUGUST 2023 www.ti.com 84 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM68A AM68 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |