Electronic Components Datasheet Search
  English  ▼

X  

AM68X Datasheet(PDF) 7 Page - Texas Instruments

Part # AM68X
Description  AM68x Processors, Silicon Revision 1.0
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM68X Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM68X Datasheet HTML 3Page - Texas Instruments AM68X Datasheet HTML 4Page - Texas Instruments AM68X Datasheet HTML 5Page - Texas Instruments AM68X Datasheet HTML 6Page - Texas Instruments AM68X Datasheet HTML 7Page - Texas Instruments AM68X Datasheet HTML 8Page - Texas Instruments AM68X Datasheet HTML 9Page - Texas Instruments AM68X Datasheet HTML 10Page - Texas Instruments AM68X Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 253 page
background image
Table 5-1. Device Comparison (continued)
FEATURES(7)
REFERENCE
NAME
AM68A9
AM68A7
AM685
AM683
Inter-Integrated Circuit Interface
I2C
10
Improved Inter-Integrated Circuit
Interface
I3C
1
Analog-to-Digital Converter
ADC
2
Capture Subsystem with Camera
Serial Interface (CSI2)
CSI2.0 4L RX
2
CSI2.0 4L TX
2
Multichannel Serial Peripheral
Interface
MCSPI
11
Multichannel Audio Serial Port
MCASP0
16 Serializers
MCASP1
5 Serializers
MCASP2
5 Serializers
MCASP3
3 Serializers
MCASP4
5 Serializers
MultiMedia Card/ Secure Digital
Interface
MMCSD0
eMMC (8-bits)
MMCSD1
SD/SDIO (4-bits)
Universal Flash Storage
UFS 2L
No
Flash Subsystem (FSS)
OSPI0
8-bits(6)
OSPI1(8)
4-bits
HyperBus
Yes(6)
4x PCI Express Port with Integrated
PHY
PCIE0
Up to Four Lanes(5)
Hyperlink
HYP
No(9)
Gigabit Ethernet Interface
MCU
1x RGMII or RMII
Main
1x RGMII or RMII
General-Purpose Timers
TIMER
30
Enhanced High Resolution Pulse-
Width Modulator Module
eHRPWM
6
Enhanced Capture Module
eCAP
3
Enhanced Quadrature Encoder Pulse
Module
eQEP
3
Universal Asynchronous Receiver and
Transmitter
UART
12
Universal Serial Bus (USB3.1)
SuperSpeed Dual-Role-Device (DRD)
Ports with SS PHY
USB0
Yes(5)
(1)
Functional Safety is not supported on this device family, if interested in this feature, please see the TDA4VE device family.
(2)
Device security features including Secure Boot and Customer Programmable Keys are applicable to select part number variants as
indicated by the Device Type (Y) identifier in the Table 10-1, Nomenclature Description table
(3)
AEC-Q100 qualification is applicable to select part number variants as indicated by the Automotive Designator (Q1) identifier in the
Table 10-1, Nomenclature Description table
(4)
DDRSS0 and DDRSS1 must always be used in incremental order. For instance, when using a single LPDDR component, it must
beconnected to the DDR0_* interface.
(5)
USB3.0 and PCIE share a total of four SerDes lanes.
(6)
Two simultaneous flash interfaces configured as OSPI0 and OSPI1, or HyperBus and OSPI1.
(7)
J721S2 is the base part number for the superset device. Software should constrain the features used to match the intended production
device.
(8)
OSPI1 module only pins out 4 pins and is referred to as QSPI in some contexts.
(9)
Hyperlink is not supported on this SoC. System designs should not use the signals HYP_*, HYP0_*, HYP1_*.
(10) MCU_R5FSS0 includes Dual-Core R5F that provides Device Management functionality, and is reserved for executing TI provided
code.
R5FSS1 is a Dual-Core R5F that provides Multimedia Control functionality, and is reserved for executing TI provided code.
(11) The two C7x DSPs are reserved for executing TI provided code, and are not available for custom code.
www.ti.com
AM68A, AM68
SPRSP91A – FEBRUARY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM68A AM68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com