Electronic Components Datasheet Search
  English  ▼

X  

AM68X Datasheet(PDF) 30 Page - Texas Instruments

Part # AM68X
Description  AM68x Processors, Silicon Revision 1.0
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM68X Datasheet(HTML) 30 Page - Texas Instruments

Back Button AM68X Datasheet HTML 26Page - Texas Instruments AM68X Datasheet HTML 27Page - Texas Instruments AM68X Datasheet HTML 28Page - Texas Instruments AM68X Datasheet HTML 29Page - Texas Instruments AM68X Datasheet HTML 30Page - Texas Instruments AM68X Datasheet HTML 31Page - Texas Instruments AM68X Datasheet HTML 32Page - Texas Instruments AM68X Datasheet HTML 33Page - Texas Instruments AM68X Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 253 page
background image
Table 6-1. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset [9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
T27
MCASP0_AXR3
PADCFG:
PADCONFIG_31
0x0011C07C
MCAN3_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP0_AXR3
1
IO
VOUT0_DATA2
2
O
GPMC0_BE1n
6
O
GPIO0_31
7
IO
SPI5_CLK
8
IO
EHRPWM_TZn_IN0
9
I
TRC_DATA7
10
O
UART3_CTSn
11
I
SPI3_CS1
12
IO
SPI7_D1
13
IO
U26
MCASP0_AXR4
PADCFG:
PADCONFIG_32
0x0011C080
MCAN3_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP0_AXR4
1
IO
VOUT0_HSYNC
2
O
HYP1_TXPMDAT
3
O
VOUT0_VP0_HSYNC
4
O
VOUT0_VP2_HSYNC
5
O
GPMC0_OEn_REn
6
O
GPIO0_32
7
IO
SPI6_CS2
8
IO
EHRPWM5_B
9
IO
TRC_DATA18
10
O
I2C4_SDA
13
IOD
AA28
MCASP0_AXR5
PADCFG:
PADCONFIG_33
0x0011C084
MCAN4_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP0_AXR5
1
IO
VOUT0_DE
2
O
MCASP1_ACLKR
3
IO
VOUT0_VP0_DE
4
O
VOUT0_VP2_DE
5
O
GPMC0_CSn0
6
O
GPIO0_33
7
IO
SPI6_CS3
8
IO
EHRPWM5_A
9
IO
TRC_DATA19
10
O
I2C4_SCL
13
IOD
AM68A, AM68
SPRSP91A – FEBRUARY 2023 – REVISED AUGUST 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A AM68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com