Electronic Components Datasheet Search
  English  ▼

X  

SN54LS240 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS240
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS240 Datasheet(HTML) 3 Page - Texas Instruments

  SN54LS240 Datasheet HTML 1Page - Texas Instruments SN54LS240 Datasheet HTML 2Page - Texas Instruments SN54LS240 Datasheet HTML 3Page - Texas Instruments SN54LS240 Datasheet HTML 4Page - Texas Instruments SN54LS240 Datasheet HTML 5Page - Texas Instruments SN54LS240 Datasheet HTML 6Page - Texas Instruments SN54LS240 Datasheet HTML 7Page - Texas Instruments SN54LS240 Datasheet HTML 8Page - Texas Instruments SN54LS240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
4
1A2
5
2Y3
6
1A3
7
2Y2
8
1A4
14
1Y3
15
2A3
16
1Y2
17
2A4
18
1Y1
Not to scale
1
1G
20
VCC
2
1A1
19
2G/2G
3
2Y4
18
1Y1
4
1A2
17
2A4
5
2Y3
16
1Y2
6
1A3
15
2A3
7
2Y2
14
1Y3
8
1A4
13
2A2
9
2Y1
12
1Y4
10
GND
11
2A1
Not to scale
3
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
www.ti.com
SDLS144D – APRIL 1985 – REVISED OCTOBER 2016
Product Folder Links: SN54LS240 SN54LS241 SN54LS244 SN54S240 SN54S241 SN54S244 SN74LS240
SN74LS241 SN74LS244 SN74S240 SN74S241 SN74S244
Submit Documentation Feedback
Copyright © 1985–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DB, DW, J, N, NS, or W Package
20-Pin SSOP, SOIC, CDIP, PDIP, SOP, or CFP
Top View
FK Package
20-Pin LCCC
Top View
(1)
2G for SNx4LS241 and SNx4S241 or 2G for all other drivers.
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
1G
I
Channel 1 output enable
2
1A1
I
Channel 1, A side 1
3
2Y4
O
Channel 2, Y side 4
4
1A2
I
Channel 1, A side 2
5
2Y3
O
Channel 2, Y side 3
6
1A3
I
Channel 1, A side 3
7
2Y2
O
Channel 2, Y side 2
8
1A4
I
Channel 1, A side 4
9
2Y1
O
Channel 2, Y side 1
10
GND
—
Ground
11
2A1
I
Channel 2, A side 1
12
1Y4
O
Channel 1, Y side 4
13
2A2
I
Channel 2, A side 2
14
1Y3
O
Channel 1, Y side 3
15
2A3
I
Channel 2, A side 3
16
1Y2
O
Channel 1, Y side 2
17
2A4
I
Channel 2, A side 4
18
1Y1
O
Channel 1, Y side 1
19
2G/2G(1)
I
Channel 2 output enable
20
VCC
—
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com