Electronic Components Datasheet Search
  English  ▼

X  

SN54LS240 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS240
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS240 Datasheet(HTML) 1 Page - Texas Instruments

  SN54LS240 Datasheet HTML 1Page - Texas Instruments SN54LS240 Datasheet HTML 2Page - Texas Instruments SN54LS240 Datasheet HTML 3Page - Texas Instruments SN54LS240 Datasheet HTML 4Page - Texas Instruments SN54LS240 Datasheet HTML 5Page - Texas Instruments SN54LS240 Datasheet HTML 6Page - Texas Instruments SN54LS240 Datasheet HTML 7Page - Texas Instruments SN54LS240 Datasheet HTML 8Page - Texas Instruments SN54LS240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
µ/6240, µ6240
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
On products compliant to MIL-PRF-38535, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
SDLS144D – APRIL 1985 – REVISED OCTOBER 2016
SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
1
1 Features
1
•
Inputs Tolerant Down to 2 V, Compatible With
3.3-V or 2.5-V Logic Inputs
•
Maximum tpd of 15 ns at 5 V
•
3-State Outputs Drive Bus Lines or Buffer Memory
Address Registers
•
PNP Inputs Reduce DC Loading
•
Hysteresis at Inputs Improves Noise Margins
2 Applications
•
Servers
•
LED Displays
•
Network Switches
•
Telecom Infrastructure
•
Motor Drivers
•
I/O Expanders
3 Description
The SNx4LS24x, SNx4S24x octal buffers and line
drivers are designed specifically to improve both the
performance and density of three-state memory
address drivers, clock drivers, and bus-oriented
receivers and transmitters. The designer has a choice
of selected combinations of inverting and non-
inverting outputs, symmetrical, active-low output-
control (G) inputs, and complementary output-control
(G and G) inputs. These devices feature high fan-out,
improved fan-in, and 400-mV noise margin. The
SN74LS24x and SN74S24x devices can be used to
drive terminated lines down to 133 Ω.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN54LS24x,
SN54S24x
CDIP (20) – J
24.20 mm × 6.92 mm
CFP (20) – W
7.02 mm × 13.72 mm
LCCC (20) – FK
8.89 mm × 8.89 mm
SN74LS240,
SN74LS244
SSOP (20) – DB
7.20 mm × 5.30 mm
SN74LS24x,
SN74S24x
SOIC (20) – DW
12.80 mm × 7.50 mm
PDIP (20) – N
24.33 mm × 6.35 mm
SN74LS24x
SOP (20) – NS
7.80 mm × 12.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Similar Part No. - SN54LS240

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54LS240 TI-SN54LS240 Datasheet
247Kb / 16P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240 Datasheet
1Mb / 31P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI1-SN54LS240 Datasheet
1Mb / 31P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LS240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS240 TI-SN74LS240 Datasheet
936Kb / 28P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_08 Datasheet
635Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com