Electronic Components Datasheet Search
  English  ▼

X  

SN54LS240 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS240
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS240 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54LS240 Datasheet HTML 3Page - Texas Instruments SN54LS240 Datasheet HTML 4Page - Texas Instruments SN54LS240 Datasheet HTML 5Page - Texas Instruments SN54LS240 Datasheet HTML 6Page - Texas Instruments SN54LS240 Datasheet HTML 7Page - Texas Instruments SN54LS240 Datasheet HTML 8Page - Texas Instruments SN54LS240 Datasheet HTML 9Page - Texas Instruments SN54LS240 Datasheet HTML 10Page - Texas Instruments SN54LS240 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
VCC
RL
Test
Point
From Output
Under Test
CL
(see Note A)
High-Level
Pulse
Low-Level
Pulse
1.3 V
1.3 V
1.3 V
1.3 V
tw
(see Note B)
VCC
RL
From Output
Under Test
CL
(see Note A)
Test
Point
5 k
Ω
S1
S2
(see Note B)
VCC
RL
From Output
Under Test
CL
(see Note A)
Test
Point
Time (ns)
0
5
10
15
20
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
D001
Input
Output
7
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
www.ti.com
SDLS144D – APRIL 1985 – REVISED OCTOBER 2016
Product Folder Links: SN54LS240 SN54LS241 SN54LS244 SN54S240 SN54S241 SN54S244 SN74LS240
SN74LS241 SN74LS244 SN74S240 SN74S241 SN74S244
Submit Documentation Feedback
Copyright © 1985–2016, Texas Instruments Incorporated
6.9 Typical Characteristics
VCC = 5 V, TA = 25°C, CL = 45 pF, and RL = 667 Ω (unless otherwise noted)
Figure 1. Simulated Propagation Delay From Input to Output
7 Parameter Measurement Information
7.1 SN54LS24x and SN74LS24x Devices
Figure 2. Load Circuit,
For 2-State Totem-Pole Outputs
Figure 3. Load Circuit,
For Open-Collector Outputs
Figure 4. Load Circuit,
For 3-State Outputs
Figure 5. Voltage Waveforms,
Pulse Durations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com