Electronic Components Datasheet Search
  English  ▼

X  

SN54LS240 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS240
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS240 Datasheet(HTML) 4 Page - Texas Instruments

  SN54LS240 Datasheet HTML 1Page - Texas Instruments SN54LS240 Datasheet HTML 2Page - Texas Instruments SN54LS240 Datasheet HTML 3Page - Texas Instruments SN54LS240 Datasheet HTML 4Page - Texas Instruments SN54LS240 Datasheet HTML 5Page - Texas Instruments SN54LS240 Datasheet HTML 6Page - Texas Instruments SN54LS240 Datasheet HTML 7Page - Texas Instruments SN54LS240 Datasheet HTML 8Page - Texas Instruments SN54LS240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
SDLS144D – APRIL 1985 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN54LS240 SN54LS241 SN54LS244 SN54S240 SN54S241 SN54S244 SN74LS240
SN74LS241 SN74LS244 SN74S240 SN74S241 SN74S244
Submit Documentation Feedback
Copyright © 1985–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
(2)
7
V
Input voltage, VI
SNx4LS24x
7
V
SNx4S24x
5.5
Off-state output voltage
5.5
V
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
ALL PACKAGES
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
500
V
N PACKAGE
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
500
V
(1)
Voltage values are with respect to network ground terminal.
(2)
An SN54S241J operating at free-air temperature above 116°C requires a heat sink that provides a thermal resistance from case to free
air, RθCA, of not more that 40°C/W.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage(1)
SN54xS24x
4.5
5
5.5
V
SN74xS24x
4.75
5
5.25
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
SN54LS24x
0.7
V
SN54S24x, SN74xS24x
0.8
IOH
High-level output current
SN54xS24x
–12
mA
SN74xS24x
–15
IOL
Low-level output current
SN54LS24x
12
mA
SN54S24x
48
SN74LS24x
24
SN74S24x
64
External resistance between any input and VCC or ground (SNx4S24x only)
40
kΩ
TA
Operating free-air temperature(2)
SN54xS24x
–55
125
°C
SN74xS24x
0
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com