Electronic Components Datasheet Search
  English  ▼

X  

BUT12 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUT12
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT12 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUT12 Datasheet HTML 4Page - NXP Semiconductors BUT12 Datasheet HTML 5Page - NXP Semiconductors BUT12 Datasheet HTML 6Page - NXP Semiconductors BUT12 Datasheet HTML 7Page - NXP Semiconductors BUT12 Datasheet HTML 8Page - NXP Semiconductors BUT12 Datasheet HTML 9Page - NXP Semiconductors BUT12 Datasheet HTML 10Page - NXP Semiconductors BUT12 Datasheet HTML 11Page - NXP Semiconductors BUT12 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Aug 13
7
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUT12; BUT12A
Fig.10 Collector-emitter saturation voltage as a
function of base current.
(1) IC =3A.
(2) IC =6A.
(3) IC =8A.
Tj =25 °C; solid line: typical values; dotted line: maximum values.
handbook, halfpage
10−2
10−1
10−1
1
10
1
VCEsat
(V)
IB (A)
10
MGB872
(1)
(2)
(3)
Fig.11 DC current gain; typical values.
handbook, halfpage
MBC096
102
10−2
10−1
110
102
10
1
IC (A)
hFE
VCE = 5 V
1V
Fig.12 Test circuit resistive load.
VCC = 250 V; tp =20 µs; VIM = −6 to +8 V; tp/T = 0.01.
The values of RB and RL are selected in accordance with ICon and
IBon requirements.
handbook, halfpage
MGE244
VCC
D.U.T.
RL
RB
VIM
tp
T
0
Fig.13 Switching time waveforms with
resistive load.
tr ≤ 20 ns.
handbook, halfpage
MBB731
t
90%
10%
90%
10%
IC
IB
IB on
IB off
IC on
tr ≤30 ns
ts
tf
ton
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com