Electronic Components Datasheet Search
  English  ▼

X  

BUT12 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BUT12
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT12 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUT12 Datasheet HTML 4Page - NXP Semiconductors BUT12 Datasheet HTML 5Page - NXP Semiconductors BUT12 Datasheet HTML 6Page - NXP Semiconductors BUT12 Datasheet HTML 7Page - NXP Semiconductors BUT12 Datasheet HTML 8Page - NXP Semiconductors BUT12 Datasheet HTML 9Page - NXP Semiconductors BUT12 Datasheet HTML 10Page - NXP Semiconductors BUT12 Datasheet HTML 11Page - NXP Semiconductors BUT12 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1997 Aug 13
9
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUT12; BUT12A
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT78
TO-220
D
D1
q
P
L
12
3
L2
(1)
b1
e
e
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220
SOT78
DIMENSIONS (mm are the original dimensions)
A
E
A1
c
Note
1. Terminals in this zone are not tinned.
Q
L1
UNIT
A1
b1
D1
e
P
mm
2.54
qQ
A
b
D
c
L2
(1)
max.
3.0
3.8
3.6
15.0
13.5
3.30
2.79
3.0
2.7
2.6
2.2
0.7
0.4
15.8
15.2
0.9
0.7
1.3
1.0
4.5
4.1
1.39
1.27
6.4
5.9
10.3
9.7
L1
E
L
97-06-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com