Electronic Components Datasheet Search
  English  ▼

X  

TL5209DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL5209DR
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL5209DR Datasheet HTML 3Page - Texas Instruments TL5209DR Datasheet HTML 4Page - Texas Instruments TL5209DR Datasheet HTML 5Page - Texas Instruments TL5209DR Datasheet HTML 6Page - Texas Instruments TL5209DR Datasheet HTML 7Page - Texas Instruments TL5209DR Datasheet HTML 8Page - Texas Instruments TL5209DR Datasheet HTML 9Page - Texas Instruments TL5209DR Datasheet HTML 10Page - Texas Instruments TL5209DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581 – SEPTEMBER 2006
Electrical Characteristics (continued)
V
IN = VOUT + 1 V, COUT = 4.7 µF, IOUT = 1 mA, full range TJ = –40°C to 125°C
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
VEN ≤ 0.4 V (shutdown)
25
°C
0.01
–1
VEN ≤ 0.18 V (shutdown)
Full range
0.01
–2
IEN
Enable input current
µA
25
°C
5
20
VEN ≥ 2 V (enabled)
Full range
25
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com