Electronic Components Datasheet Search
  English  ▼

X  

TL5209DR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TL5209DR
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209DR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL5209DR Datasheet HTML 12Page - Texas Instruments TL5209DR Datasheet HTML 13Page - Texas Instruments TL5209DR Datasheet HTML 14Page - Texas Instruments TL5209DR Datasheet HTML 15Page - Texas Instruments TL5209DR Datasheet HTML 16Page - Texas Instruments TL5209DR Datasheet HTML 17Page - Texas Instruments TL5209DR Datasheet HTML 18Page - Texas Instruments TL5209DR Datasheet HTML 19Page - Texas Instruments TL5209DR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.ti.com
0
2
1
2
0
Time (50 µs/div)
COUT = 2.2 µF
VIN = 3.5 V
ILOAD = 500 mA
CIN = 1 µF
500
600
700
800
900
1000
3
6
9
12
15
18
VCC – Supply Voltage – V
COUT = 2.2 µF
0
200
Time – 10 ms/div
CIN = 1 µF
VIN = 16 V
COUT = 4.7 µF
VOUT = 0 V
900
800
600
400
1000
0
200
Time – 25 ms/div
CIN = 1 µF
VIN = 3.5 V
COUT = 4.7 µF
VOUT = 0 V
400
800
600
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581 – SEPTEMBER 2006
TYPICAL CHARACTERISTICS (continued)
SHORT-CIRCUIT CURRENT
vs
TURN-ON TIME
SUPPLY VOLTAGE
SHORT-CIRCUIT CURRENT
SHORT-CIRCUIT CURRENT
vs
vs
TIME
TIME
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com