Electronic Components Datasheet Search
  English  ▼

X  

TL5209DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL5209DR
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL5209DR Datasheet HTML 6Page - Texas Instruments TL5209DR Datasheet HTML 7Page - Texas Instruments TL5209DR Datasheet HTML 8Page - Texas Instruments TL5209DR Datasheet HTML 9Page - Texas Instruments TL5209DR Datasheet HTML 10Page - Texas Instruments TL5209DR Datasheet HTML 11Page - Texas Instruments TL5209DR Datasheet HTML 12Page - Texas Instruments TL5209DR Datasheet HTML 13Page - Texas Instruments TL5209DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency – Hz
VIN = 3.5 V
COUT = 2.2 µF
CBYP = 0.01 µF
IL = 1 mA
IL = 100 mA
IL = 10 mA
10
100
1k
10k
100k
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency – Hz
VIN = 3.5 V
COUT = 2.2 µF
CBYP = 0 µF
IL = 1 mA
IL = 100 mA
IL = 10 mA
10
100
1k
10k
100k
0
50
100
150
200
250
300
350
400
450
500
0
50 100 150 200 250 300 350 400 450 500
IL – Load Current – mA
VOUT = 2.5 V
COUT = 2.2 µF
CBYP = 0
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
VIN = 3.5 V
COUT = 4.7 µF
IL = 1 mA
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581 – SEPTEMBER 2006
TYPICAL CHARACTERISTICS (continued)
NOISE PERFORMANCE
NOISE PERFORMANCE
DROPOUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
TEMPERATURE
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com