Electronic Components Datasheet Search
  English  ▼

X  

TL5209DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL5209DR
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL5209DR Datasheet HTML 7Page - Texas Instruments TL5209DR Datasheet HTML 8Page - Texas Instruments TL5209DR Datasheet HTML 9Page - Texas Instruments TL5209DR Datasheet HTML 10Page - Texas Instruments TL5209DR Datasheet HTML 11Page - Texas Instruments TL5209DR Datasheet HTML 12Page - Texas Instruments TL5209DR Datasheet HTML 13Page - Texas Instruments TL5209DR Datasheet HTML 14Page - Texas Instruments TL5209DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
0
2
4
6
8
10
12
14
16
18
20
0
50
100 150 200 250 300 350 400 450 500
IL – Load Current – mA
VIN = 3.5 V
COUT = 4.7 µF
CIN = 1 µF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
1
2
3
4
5
6
7
8
VCC – Supply Voltage – V
IL = 100 mA
IL = 1 mA
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
VCC – Supply Voltage – V
IL = 500 mA
2.47
2.48
2.49
2.50
2.51
2.52
2.53
0
50 100 150 200 250 300 350 400 450 500
IL – Load Current – mA
VIN = 3.5 V
COUT = 4.7 µF
IL = 1 mA to 500 mA
TA = 25°C
TA = 125°C
TA = -40°C
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581 – SEPTEMBER 2006
TYPICAL CHARACTERISTICS (continued)
GROUND CURRENT
GROUND CURRENT
vs
vs
LOAD CURRENT
SUPPLY VOLTAGE
GROUND CURRENT
OUTPUT VOLTAGE
vs
vs
SUPPLY VOLTAGE
LOAD CURRENT
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com