Electronic Components Datasheet Search
  English  ▼

X  

0J100FBSTR Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # 0J100FBSTR
Description  Thin-Film RF/Microwave Capacitor Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

0J100FBSTR Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  0J100FBSTR Datasheet HTML 1Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 2Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 3Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 4Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 5Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 6Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 7Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 8Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
3
ACCU-P® TECHNOLOGY
The use of very low-loss dielectric materials, silicon dioxide and silicon
oxynitride, in conjunction with highly conductive electrode metals results
in low ESR and high Q. These high-frequency characteristics change
at a slower rate with increasing frequency than for ceramic microwave
capacitors.
Because of the thin-film technology, the above-mentioned frequency
characteristics are obtained without significant compromise of properties
required for surface mounting.
The main Accu-P® properties are:
• Internationally agreed sizes with excellent dimensional control.
• Ultra small size chip capacitors (1005) are available.
• Ultra tight capacitance tolerances.
• Low ESR at VHF, UHF and microwave frequencies.
• Enhanced RF power handling capablity.
• High stability with respect to time, temperature, frequency and voltage
variation.
• Nickel/solder-coated terminations to provide excellent solderability
and leach resistance.
ACCU-P® FEATURES
Accu-P® meets the fast-growing demand for low-loss (high-Q) capacitors for
use in surface mount technology especially for the mobile communications
market, such as cellular radio of 450 and 900 MHz, UHF walkie-talkies, UHF
cordless telephones to 2.3 GHz, low noise blocks at 11-12.5 GHz and for
other VHF, UHF and microwave applications.
Accu-P® is currently unique in its ability to offer very low capacitance values
(0.05pF) and very tight capacitance tolerances (±0.01pF).
• The RF power handling capability of the Accu-P® allows for its usage in
both small signal and RF power applications.
• Thin Film Technology guarantees minimal batch to batch variability of
parameters at high frequency.
• Inspection test and quality control procedures in accordance with
ISO 9001, CECC, IECQ and USA MIL Standards yield products of the
highest quality.
• Hand soldering Accu-P®: Due to their construction utilizing relatively
high thermal conductivity materials, Accu-P’s have become the
preferred device in R & D labs and production environments where
hand soldering is used.
APPLICATIONS
• Cellular Communications
• CT2/PCN (Cordless
Telephone/Personal Comm.
Networks)
• Satellite TV
• Cable TV
• GPS (Global Positioning
Systems)
• Vehicle Location Systems
• Vehicle Alarm Systems
• Paging
• Military
Communications
• Radar Systems
• Video Switching
• Test & Measurements
• Filters
• VCO’s
• Matching Networks
• RF Amplifiers
012521
Thin-Film RF/Microwave Capacitor Technology
Thin-Film Technology
Accu-P® Series
APPROVALS
• ISO 9001
• IATF 16949:2016
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com