Electronic Components Datasheet Search
  English  ▼

X  

0J100FBSTR Datasheet(PDF) 24 Page - Kyocera Kinseki Corpotation

Part # 0J100FBSTR
Description  Thin-Film RF/Microwave Capacitor Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

0J100FBSTR Datasheet(HTML) 24 Page - Kyocera Kinseki Corpotation

Back Button 0J100FBSTR Datasheet HTML 17Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 18Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 19Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 20Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 21Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 22Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 23Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 24Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 25Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
25
PREHEAT & SOLDERING
The rate of preheat in production should not exceed 4°C/ second and a
recommended maximum is about 2°C/second. Temperature differential
from preheat to soldering should not exceed 100°C.
For further specific application or process advice, please consult KYOCERA
AVX.
COOLING
After soldering, the assembly should preferably be allowed to cool naturally.
In the event of assisted cooling, similar conditions to those recommended
for preheating should be used.
HAND SOLDERING & REWORK
Hand soldering is permissible. Preheat of the PCB to 150°C is required.
The most preferable technique is to use hot air soldering tools. Where a
soldering iron is used, a temperature controlled model not exceeding 30
watts should be used and set to not more than 260°C.
CLEANING RECOMMENDATIONS
Care should be taken to ensure that the devices are thoroughly cleaned
of flux residues, especially the space beneath the device. Such residues
may otherwise become conductive and effectively offer a lossy bypass
to the device. Various recommended cleaning conditions (which must be
optimized for the flux system being used) are as follows:
Cleaning liquids.....................i-propanol, ethanol, acetylacetone, water and
other standard PCB cleaning liquids.
Ultrasonic conditions............power-20w/liter max.
frequency-20kHz to 45kHz.
Temperature .........................80°C maximum (if not otherwise limited by
chosen solvent system).
Time .......................................5 minutes max.
STORAGE CONDITIONS
Recommended storage conditions for Accu-P® prior to use are as follows:
Temperature .........................15°C to 35°C
Humidity ................................ ≤65%
Air Pressure ..........................860mbar to 1060mbar
RECOMMENDED REFLOW SOLDERING PROFILE
COMPONENTS WITH SNPB TERMINATIONS
RECOMMENDED REFLOW SOLDERING PROFILE LEAD
FREE COMPONENTS WITH SN100 TERMINATIONS
330
260
250
200
150
100
50
0
Time
0:00
0:43
1:28
2:10
2:53
3:36
4:19
5:02
5:48
6:29
Peak Temperature = 260ºC
022321
Thin-Film RF/Microwave Capacitor Technology
Application Notes
Accu-P® Series
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com