Electronic Components Datasheet Search
  English  ▼

X  

0J100FBSTR Datasheet(PDF) 21 Page - Kyocera Kinseki Corpotation

Part # 0J100FBSTR
Description  Thin-Film RF/Microwave Capacitor Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

0J100FBSTR Datasheet(HTML) 21 Page - Kyocera Kinseki Corpotation

Back Button 0J100FBSTR Datasheet HTML 17Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 18Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 19Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 20Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 21Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 22Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 23Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 24Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 25Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
22
QUALITY & RELIABILITY
Accu-P® is based on well established thin-film technology and materials.
• ON-LINE PROCESS CONTROL
This program forms an integral part of the production cycle and acts
as a feedback system to regulate and control production processes.
The test procedures, which are integrated into the production process,
were developed after long research work and are based on the highly
developed semiconductor industry test procedures and equipment.
These measures help KYOCERA AVX to produce a con- sistent and high
yield line of products.
• FINAL QUALITY INSPECTION
Finished parts are tested for standard electrical parameters and visual/
mechanical characteristics. Each production lot is 100% evaluated
for: capacitance and proof voltage at 2.5 UR. In addition, production is
periodically evaluated for:
Average capacitance with histogram printout for capacitance
distribution;
IR and Breakdown Voltage distribution;
Temperature Coefficient;
Solderability;
Dimensional, mechanical and temperature stability.
QUALITY ASSURANCE
The reliability of these thin-film chip capacitors has been studied
intensively for several years. Various measures have been taken
to obtain the high reliability required today by the industry. Quality
assurance policy is based on well established international industry
standards. The reliability of the capacitors is determined by accelerated
testing under the following conditions:
Life (Endurance)
125°C, 2UR, 1000 hours
Accelerated Damp
Heat Steady State
85°C, 85% RH, UR, 1000 hours.
ENVIRONMENTAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
TEST
CONDITIONS
REQUIREMENT
Life (Endurance)
MIL-STD-202F Method 108A
125°C, 2UR,1000 hours
No visible damage
Δ C/C ≤ 2% for C≥5pF
Δ C ≤ 0.25pF for C<5pF
Accelerated Damp
Heat Steady State
MIL-STD-202F Method 103B
85°C, 85% RH, UR, 1000 hours
No visible damage
Δ C/C ≤ 2% for C≥5pF
Δ C ≤ 0.25pF for C<5pF
Temperature Cycling
MIL-STD-202F Method 107E
MIL-STD-883D Method 1010.7
-55°C to +125°C, 15 cycles – Accu-P®
No visible damage
Δ C/C ≤ 2% for C≥5pF
Δ C ≤ 0.25pF for C<5pF
Resistance to Solder Heat
IEC-68-2-58
260°C ± 5°C for 10 secs
C remains within initial limits
TEST
CONDITIONS
REQUIREMENT
Solderability
IEC-68-2-58
Components completely immersed in a solder bath at 235°C for
2 secs.
Terminations to be well tinned, minimum 95% coverage
Leach Resistance
IEC-68-2-58
Components completely immersed in a solder bath at 260±5°C for
60 secs.
Dissolution of termination faces ≤15% of area
Dissolution of termination edges ≤25% of length
Adhesion
MIL-STD-202F Method 211A
A force of 5N applied for 10 secs.
No visible damage
Termination Bond Strength
IEC-68-2-21 Amend. 2
Tested as shown in diagram
D = 3mm Accu-P
D = 1mm Accu-F
No visible damage
Δ C/C ≤ 2% for C≥5pF
Δ C ≤ 0.25pF for C<5pF
Robustness of Termination
IEC-68-2-21 Amend. 2
A force of 5N applied for 10 secs.
No visible damage
High Frequency Vibration
MIL-STD-202F Method 201A,
204D (Accu-P® only)
55Hz to 2000Hz, 20G
No visible damage
Storage
12 months minimum with components stored in “as
received” packaging
Good solderability
012419
Thin-Film RF/Microwave Capacitor Technology
Environmental / Mechanical Characteristics
Accu-P® Series
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com