Electronic Components Datasheet Search
  English  ▼

X  

0J100FBSTR Datasheet(PDF) 23 Page - Kyocera Kinseki Corpotation

Part # 0J100FBSTR
Description  Thin-Film RF/Microwave Capacitor Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

0J100FBSTR Datasheet(HTML) 23 Page - Kyocera Kinseki Corpotation

Back Button 0J100FBSTR Datasheet HTML 17Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 18Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 19Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 20Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 21Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 22Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 23Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 24Page - Kyocera Kinseki Corpotation 0J100FBSTR Datasheet HTML 25Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
24
090320
Thin-Film RF/Microwave Capacitor Technology
Application Notes
Accu-P® Series
GENERAL
Accu-P® SMD capacitors are designed for soldering to printed circuit boards
or other substrates. The construction of the components is such that they
will withstand the time/temperature profiles used in both wave and reflow
soldering methods.
CIRCUIT BOARD TYPE
The circuit board types which may be used with Accu-P® are as follows:
All flexible types of circuit boards
(eg. FR-4, G-10) and also alumina.
For other circuit board materials, please consult factory.
HANDLING
SMD capacitors should be handled with care to avoid damage or
contamination from perspiration and skin oils. The use of plastic tipped
tweezers or vacuum pick-ups is strongly recommended for individual
components. Bulk handling should ensure that abrasion and mechanical
shock are minimized. For automatic equipment, taped and reeled product
gives the ideal medium for direct presentation to the placement machine.
COMPONENT PAD DESIGN
Component pads must be designed to achieve good joints and minimize
component movement during reflow soldering. Pad designs are given
below for both wave and reflow soldering.
The basis of these designs is:
a. Pad width equal to component width. It is permissible to decrease this
to as low as 85% of component width but it is not advisable to go below
this.
b. Pad overlap 0.5mm beneath large components. Pad overlap about
0.3mm beneath small components.
c. Pad extension of 0.5mm for reflow of large components and pad
extension about 0.3mm for reflow of small components. Pad extension
about 1.0mm for wave soldering.
REFLOW SOLDERING PAD DIMENSIONS: millimeters (inches)
0201
Accu-P®
0402
Accu-P®
0603
Accu-P®
0805
Accu-P®
1210
Accu-P®
1.7
(0.068)
0.55
(0.022)
0.5
(0.020)
0.6
(0.024)
0.6
(0.024)
3.0
(0.118)
1.25 (0.049)
1.0
(0.039)
0.17
(0.007)
0.20
(0.008)
0.22
(0.009)
0.78
(0.030)
0.34
(0.013)
0.26
(-0.010)
0.26
(-0.010)
0.26
(-0.010)
1.0
(0.039)
1.0
(0.039)
4.0
(0.157)
1.0
(0.039)
2.5 (0.098)
2.0
(0.079)
1.0
(0.039)
0.8 (0.031)
2.3
(0.091)
0.6
(0.024)
0.85
(0.033)
0.85
(0.033)
01005
Accu-P®
– rf microwave products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com