Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 30 Page - Analog Devices

Part # LTM4646
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTM4646 Datasheet HTML 22Page - Analog Devices LTM4646 Datasheet HTML 23Page - Analog Devices LTM4646 Datasheet HTML 24Page - Analog Devices LTM4646 Datasheet HTML 25Page - Analog Devices LTM4646 Datasheet HTML 26Page - Analog Devices LTM4646 Datasheet HTML 27Page - Analog Devices LTM4646 Datasheet HTML 28Page - Analog Devices LTM4646 Datasheet HTML 29Page - Analog Devices LTM4646 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTM4638
30
Rev. C
For more information www.analog.com
ANALOG DEVICES, INC. 2018-2021
01/21
www.analog.com
RELATED PARTS
PACKAGE PHOTO
PART NUMBER DESCRIPTION
COMMENTS
LTM4626
12A µModule Regulator. Pin Compatible with
LTM4638.
3.1V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 6.25mm × 6.25mm × 3.87mm BGA
LTM4649
10A µModule Regulator
4.5V ≤ VIN ≤ 16V. 0.6V ≤ VOUT ≤ 3.3V. 9mm × 15mm × 4.92mm BGA
LTM4601
12A µModule Regulator
4.5V ≤ VIN ≤ 20V (28V LTM4601HV). 0.5V ≤ VOUT ≤ 5V. 15mm × 15mm ×
2.82mm LGA. 15mm × 15mm × 3.42mm BGA
LTM4637
20A µModule Regulator
4.5V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 15mm × 15mm × 4.32mm LGA. 15mm ×
15mm × 4.92mm BGA.
LTM4646
Dual 10A µModule Regulator
4.5V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 11.25mm × 15mm × 5.01mm BGA
LTM4662
Dual 15A µModule Regulator
4.5V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 11.25mm × 15mm × 5.74mm BGA
LTM4643
Quad 3A Ultrathin µModule Regulator
4V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 3.3V. 9mm × 15mm × 1.82mm LGA. 9mm ×
15mm × 2.42mm BGA
LTM4644
Quad 4A µModule Regulator
4V ≤ VIN ≤ 14V. 0.6V ≤ VOUT ≤ 5.5V. 9mm × 15mm × 5.01mm BGA
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com