Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4646
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4646 Datasheet HTML 2Page - Analog Devices LTM4646 Datasheet HTML 3Page - Analog Devices LTM4646 Datasheet HTML 4Page - Analog Devices LTM4646 Datasheet HTML 5Page - Analog Devices LTM4646 Datasheet HTML 6Page - Analog Devices LTM4646 Datasheet HTML 7Page - Analog Devices LTM4646 Datasheet HTML 8Page - Analog Devices LTM4646 Datasheet HTML 9Page - Analog Devices LTM4646 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTM4638
6
Rev. C
For more information www.analog.com
Start-up Waveform with 15A Load
Current
Output Short Circuit Waveform
with 15A Load Current Applied
Output Short Circuit Waveform
without Load Applied
Start-up into Pre-Biased Output
Steady-State Output Voltage
Ripple
TYPICAL PERFORMANCE CHARACTERISTICS
5ms/DIV
RUN
5V/DIV
PGOOD
5V/DIV
VOUT
1V/DIV
IIN
2A/DIV
4638 G10
VIN=12V, VOUT=1V, fS=600kHz
COUT = 3x 100µF + 1x 22µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF=33pF, CSS=0.1µF
50µs/DIV
VOUT
1V/DIV
IIN
1A/DIV
4638 G11
VIN=12V, VOUT=1.5V, fS=800kHz
COUT = 3x 100µF + 1x 22µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF=33pF
50µs/DIV
VOUT
1V/DIV
IIN
1A/DIV
4638 G12
VIN=12V, VOUT=1.5V, fS=800kHz
COUT = 3x 100µF + 1x 22µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF=33pF
5ms/DIV
VOUT
2V/DIV
IIN
0.5A/DIV
RUN
5V/DIV
PGOOD
5V/DIV
4638 G13
VIN=12V, VOUT=3.3V, fS=800kHz
COUT = 3x 100µF + 1x 22µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF=33pF, PREBIASED OUTPUT TO 1.2V,
CSS=0.1µF
500ns/DIV
OUTPUT
VOLTAGE
10mV/DIV
AC COUPLED
4638 G14
VIN=12V, VOUT=1.5V, fS=800kHz
COUT = 3x 100µF + 1x 22µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF=33pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com