Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4646
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4646 Datasheet HTML 6Page - Analog Devices LTM4646 Datasheet HTML 7Page - Analog Devices LTM4646 Datasheet HTML 8Page - Analog Devices LTM4646 Datasheet HTML 9Page - Analog Devices LTM4646 Datasheet HTML 10Page - Analog Devices LTM4646 Datasheet HTML 11Page - Analog Devices LTM4646 Datasheet HTML 12Page - Analog Devices LTM4646 Datasheet HTML 13Page - Analog Devices LTM4646 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTM4638
10
Rev. C
For more information www.analog.com
OPERATION
The LTM4638 is a standalone nonisolated switch mode
DC/DC power supply. It can deliver up to 15A DC output
current with few external input and output capacitors.
This module provides precisely regulated output voltage
adjustable between 0.6V to 5.5V via one external resistor
over a 3.1V to 20V input voltage range. The typical ap-
plication schematic is shown in Figure 23.
The LTM4638 contains an integrated constant on-time
valley current mode regulator, power MOSFETs, inductor,
and other supporting discrete components. The default
switching frequency is 600kHz. For switching noise-
sensitive applications, the switching frequency can be
adjusted by external resistors and the μModule regulator
can be externally synchronized to a clock within ±30% of
thesetfrequency.SeetheApplicationsInformationsection.
With current mode control and internal feedback loop
compensation, the LTM4638 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast current
limiting. Internal output overvoltage and undervoltage
comparators pull the open-drain PGOOD output low if the
output feedback voltage exits a ±8% window around the
regulationpoint.ContinuousoperationisforcedduringOV
and UV condition except during start-up when the TRACK
pin is ramping up to 0.6V.
Furthermore,inordertoprotecttheinternalpowerMOSFET
devices against transient voltage spikes, the LTM4638
constantly monitors the VIN pin for an overvoltage condi-
tion. When VIN rises above 24.5V, the regulator suspends
operation by shutting off both power MOSFETs. Once VIN
drops below 21.5V, the regulator immediately resumes
normal operation. The regulator does not execute its
soft-start function when exiting an overvoltage condition.
Multiphase operation can be easily employed with the
synchronization and phase mode controls. Up to 6 phases
can be cascaded to run simultaneously with respect to
each other by programming the PHMODE pin to different
levels. The LTM4638 has MODE/CLKIN and CLKOUT pins
for PolyPhase operation of multiple devices or frequency
synchronization.
Pulling the RUN pin to GND forces the controller into its
shutdown state, turning off both power MOSFETs and
most of the internal control circuitry. At light load currents,
discontinuous mode (DCM) operation can be enabled to
achieve higher efficiency compared to continuous mode
(CCM) by pulling the MODE/CLKIN pin to GND. The
TRACK/SS pin is used for power supply tracking and
soft-start programming. See the Applications Informa-
tion section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com