Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4646
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4646 Datasheet HTML 22Page - Analog Devices LTM4646 Datasheet HTML 23Page - Analog Devices LTM4646 Datasheet HTML 24Page - Analog Devices LTM4646 Datasheet HTML 25Page - Analog Devices LTM4646 Datasheet HTML 26Page - Analog Devices LTM4646 Datasheet HTML 27Page - Analog Devices LTM4646 Datasheet HTML 28Page - Analog Devices LTM4646 Datasheet HTML 29Page - Analog Devices LTM4646 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LTM4638
26
Rev. C
For more information www.analog.com
Figure 26. 3.1VIN to 20VIN, 1.2V and 1.5V with Coincident Tracking
APPLICATIONS INFORMATION
VIN
RUN
INTVCC
MODE/CLKIN
PHMODE
TRACK/SS
PGOOD
LTM4638
VOUT
VOSNS+
22µF
25V
×2
100µF
6.3V
×3
100µF
6.3V
×3
VIN
3.1V TO 20V
VOUT
1.5V
15A
VOUT2
1.2V
15A
FB
40.2k
33pF
COMPa
COMPb
GND
60.4k
60.4k
4638 F26
VOSNS–
FREQ
CLKOUT
60.4k
0.1µF
VIN
RUN
INTVCC
MODE/CLKIN
PHMODE
TRACK/SS
PGOOD
LTM4638
VOUT
FB
COMPa
GND
VOSNS–
FREQ
CLKOUT
VOSNS+
33pF
COMPb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com