Electronic Components Datasheet Search
  English  ▼

X  

SP3220EB Datasheet(PDF) 2 Page - MaxLinear. All Rights Reserved.

Part # SP3220EB
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXLINEAR [MaxLinear. All Rights Reserved.]
Direct Link  https://www.maxlinear.com/
Logo MAXLINEAR - MaxLinear. All Rights Reserved.

SP3220EB Datasheet(HTML) 2 Page - MaxLinear. All Rights Reserved.

  SP3220EB Datasheet HTML 1Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 2Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 3Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 4Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 5Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 6Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 7Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 8Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 9Page - MaxLinear. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
SP3220E_EB_EU_103_031920
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC.......................................................-0.3V to +6.0V
V+ (NOTE 1).......................................-0.3V to +7.0V
V- (NOTE 1)........................................+0.3V to -7.0V
V+ + |V-| (NOTE 1)...........................................+13V
I
CC (DC VCC or GND current).........................+100mA
Input Voltages
TxIN, EN, SHDN...........................-0.3V to Vcc + 0.3V
RxIN...................................................................+25V
Output Voltages
TxOUT.............................................................+13.2V
RxOUT, .......................................-0.3V to (V
CC +0.3V)
Short-Circuit Duration
TxOUT....................................................Continuous
Storage Temperature......................-65°C to +150°C
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX.
Typical values apply at Vcc = +3.3V or +5.0V and T
AMB = 25
o
C, C1 - C4 = 0.1µF.
Power Dissipation per package
16-pin SSOP (derate 9.69mW/oC above +70oC)...............775mW
16-pin TSSOP (derate 10.5mW/oC above +70oC)..............840mW
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX. UNITS CONDITIONS
DC CHARACTERISTICS
Supply Current
0.3
1.0
mA
no load, V
CC = 3.3V,
T
AMB = 25
o
C, TxIN = GND or V
CC
Shutdown Supply Current
1.0
10
µA
SHDN = GND, V
CC = 3.3V,
T
AMB = 25
o
C, TxIN = Vcc or GND
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold LOW
GND
0.8
V
TxIN, EN, SHDN, Note 2
Input Logic Threshold HIGH
2.0
V
Vcc = 3.3V, Note 2
Input Logic Threshold HIGH
2.4
V
Vcc = 5.0V, Note 2
Input Leakage Current
+0.01
+1.0
µA
TxIN, EN, SHDN,
T
AMB = +25
o
C, V
IN = 0V to VCC
Output Leakage Current
+0.05
+10
µA
Receivers disabled, V
OUT = 0V to VCC
Output Voltage LOW
0.4
V
I
OUT = 1.6mA
Output Voltage HIGH
V
CC -0.6
V
CC -0.1
V
I
OUT = -1.0mA
DRIVER OUTPUTS
Output Voltage Swing
+5.0
+5.4
V
Driver output loaded with 3KΩ to
GND, T
AMB = +25
o
C
ABSOLUTE MAXIMUM RATINGS
NOTE 2: Driver input hysteresis is typically 250mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com