Electronic Components Datasheet Search
  English  ▼

X  

SP3220EB Datasheet(PDF) 14 Page - MaxLinear. All Rights Reserved.

Part # SP3220EB
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXLINEAR [MaxLinear. All Rights Reserved.]
Direct Link  https://www.maxlinear.com/
Logo MAXLINEAR - MaxLinear. All Rights Reserved.

SP3220EB Datasheet(HTML) 14 Page - MaxLinear. All Rights Reserved.

Back Button SP3220EB Datasheet HTML 10Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 11Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 12Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 13Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 14Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 15Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 16Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 17Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 18Page - MaxLinear. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
SP3220E_EB_EU_103_031920
ESD TOLERANCE
The
SP3220E/EB/EU device incorpo-
rates ruggedized ESD cells on all driver
output and receiver input pins. The ESD
structure is improved over our previous
family for more rugged applications and
environments sensitive to electro-static
discharges and associated transients. The
improved ESD tolerance is at least +15kV
without damage nor latch-up.
There are different methods of ESD testing
applied:
a) MIL-STD-883, Method 3015.7
b) IEC61000-4-2 Air-Discharge
c) IEC61000-4-2 Direct Contact
The Human Body Model has been the
generally accepted ESD testing method
for semi-conductors. This method is also
specified in MIL-STD-883, Method 3015.7
for ESD testing.The premise of this ESD test
is to simulate the human body’s potential to
store electro-static energy and discharge it
to an integrated circuit. The simulation is
performed by using a test model as shown
in Figure 20. This method will test the IC’s
capability to withstand an ESD transient
during normal handling such as in manu-
facturing areas where the IC's tend to be
handled frequently.
The IEC-61000-4-2, formerly IEC801-2, is
generallyusedfortestingESDonequipment
and systems. For system manufacturers,
theymustguaranteeacertainamountofESD
protection since the system itself is exposed
to the outside environment and human pres-
ence. ThepremisewithIEC61000-4-2isthat
thesystemisrequiredtowithstandanamount
of static electricity when ESD is applied to
points and surfaces of the equipment that
are accessible to personnel during normal
usage. The transceiver IC receives most
of the ESD current when the ESD source is
appliedtotheconnectorpins. Thetestcircuit
for IEC61000-4-2 is shown on Figure 21.
TherearetwomethodswithinIEC61000-4-2,
the Air Discharge method and the Contact
Discharge method.
With the Air Discharge Method, an ESD
voltage is applied to the equipment under
test (EUT) through air. This simulates an
electrically charged person ready to connect
a cable onto the rear of the system only to
findanunpleasantzapjustbeforetheperson
touches the back panel. The high energy
potential on the person discharges through
an arcing path to the rear panel of the system
before he or she even touches the system.
This energy, whether discharged directly or
throughair,ispredominantlyafunctionofthe
discharge current rather than the discharge
voltage. Variableswithanairdischargesuch
as approach speed of the object carrying the
ESD potential to the system and humidity
will tend to change the discharge current.
For example, the rise time of the discharge
current varies with the approach speed.
The Contact Discharge Method applies the
ESDcurrentdirectlytotheEUT. Thismethod
was devised to reduce the unpredictability
of the ESD arc. The discharge current rise
time is constant since the energy is directly
transferred without the air-gap arc. In situ-
ations such as hand held systems, the ESD
charge can be directly discharged to the
Figure 20. ESD Test Circuit for Human Body Model
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com