Electronic Components Datasheet Search
  English  ▼

X  

SP3220EB Datasheet(PDF) 13 Page - MaxLinear. All Rights Reserved.

Part # SP3220EB
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXLINEAR [MaxLinear. All Rights Reserved.]
Direct Link  https://www.maxlinear.com/
Logo MAXLINEAR - MaxLinear. All Rights Reserved.

SP3220EB Datasheet(HTML) 13 Page - MaxLinear. All Rights Reserved.

Back Button SP3220EB Datasheet HTML 9Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 10Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 11Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 12Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 13Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 14Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 15Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 16Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 17Page - MaxLinear. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SP3220E_EB_EU_103_031920
13
Figure 16. Charge Pump — Phase 2
VCC = +5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
-5.5V
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 15. Charge Pump — Phase 1
Figure 18. Charge Pump — Phase 3
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 19. Charge Pump — Phase 4
VCC = +5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
+5.5V
Figure 17. Charge Pump Waveforms
Ch1 2.00V Ch2 2.00V M 1.00µs Ch1 5.48V
2
1
T
T
[]
T
+6V
a) C2+
b) C2-
GND
GND
-6V
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com