Electronic Components Datasheet Search
  English  ▼

X  

SP3220EB Datasheet(PDF) 6 Page - MaxLinear. All Rights Reserved.

Part # SP3220EB
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXLINEAR [MaxLinear. All Rights Reserved.]
Direct Link  https://www.maxlinear.com/
Logo MAXLINEAR - MaxLinear. All Rights Reserved.

SP3220EB Datasheet(HTML) 6 Page - MaxLinear. All Rights Reserved.

Back Button SP3220EB Datasheet HTML 2Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 3Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 4Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 5Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 6Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 7Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 8Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 9Page - MaxLinear. All Rights Reserved. SP3220EB Datasheet HTML 10Page - MaxLinear. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
SP3220E_EB_EU_103_031920
Table 1. Device Pin Description
NAME
FUNCTION
PIN NUMBER
EN
Receiver Enable. Apply Logic LOW for normal operation.
Apply logic HIGH to disable the receiver outputs (high-Z state)
1
C1+
Positive terminal of the voltage doubler charge-pump capacitor
2
V+
+5.5V output generated by the charge pump
3
C1-
Negative terminal of the voltage doubler charge-pump capacitor
4
C2+
Positive terminal of the inverting charge-pump capacitor
5
C2-
Negative terminal of the inverting charge-pump capacitor
6
V-
-5.5V output generated by the charge pump
7
R
1IN
RS-232 receiver input
8
R
1OUT
TTL/CMOS receiver output
9
T
1IN
TTL/CMOS driver input
11
T
1OUT
RS-232 driver output.
13
GND
Ground
14
V
CC
+3.0V to +5.5V supply voltage
15
SHDN
Shutdown Control Input. Drive HIGH for normal device operation.
Drive LOW to shutdown the drivers (high-Z output) and the on-
board power supply
16
N.C.
No Connect
10, 12
PIN FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com