Electronic Components Datasheet Search
  English  ▼

X  

32G431 Datasheet(PDF) 65 Page - STMicroelectronics

Part # 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 61Page - STMicroelectronics 32G431 Datasheet HTML 62Page - STMicroelectronics 32G431 Datasheet HTML 63Page - STMicroelectronics 32G431 Datasheet HTML 64Page - STMicroelectronics 32G431 Datasheet HTML 65Page - STMicroelectronics 32G431 Datasheet HTML 66Page - STMicroelectronics 32G431 Datasheet HTML 67Page - STMicroelectronics 32G431 Datasheet HTML 68Page - STMicroelectronics 32G431 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 198 page
background image
PE0
-
-
TIM4_ETR
-
TIM16_
CH1
--
USART1_
TX
-------
EVENT
OUT
PE1
-
-
-
-
TIM17_
CH1
--
USART1_
RX
-------
EVENT
OUT
PE2
TRACECK
-
TIM3_
CH1
SAI1_CK1
---------
SAI1_
MCLK_A
-
EVENT
OUT
PE3
TRACED0
-
TIM3_
CH2
-
---------
SAI1_
SD_B
-
EVENT
OUT
PE4
TRACED1
-
TIM3_
CH3
SAI1_D2
---------
SAI1_
FS_A
-
EVENT
OUT
PE5
TRACED2
-
TIM3_
CH4
SAI1_CK2
---------
SAI1_
SCK_A
-
EVENT
OUT
PE6
TRACED3
-
-
SAI1_D1
---------
SAI1_
SD_A
-
EVENT
OUT
PE7
-
-
TIM1_
ETR
-
---------
SAI1_
SD_B
-
EVENT
OUT
PE8
-
-
TIM1_
CH1N
-
---------
SAI1_
SCK_B
-
EVENT
OUT
PE9
-
-
TIM1_
CH1
-
---------
SAI1_
FS_B
-
EVENT
OUT
PE10
-
-
TIM1_
CH2N
-
---------
SAI1_
MCLK_B
-
EVENT
OUT
PE11
-
-
TIM1_
CH2
-
-----------
EVENT
OUT
PE12
-
-
TIM1_
CH3N
-
-----------
EVENT
OUT
PE13
-
-
TIM1_
CH3
-
-----------
EVENT
OUT
PE14
-
-
TIM1_
CH4
--
-
TIM1_
BKIN2
--------
EVENT
OUT
PE15
-
-
TIM1_
BKIN
--
-
TIM1_
CH4N
USART3_
RX
-------
EVENT
OUT
Table 13. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/TI
M2/5/15/1
6/17
I2C3/TIM1/
2/3/4/8/15/
GPCOMP1
I2C3/SAI1/
USB/TIM8/
15/
GPCOMP3
I2C1/2/3/
TIM1/8/16/
17
SPI1/2/3/
I2S2/3/
UART4
/TIM8/Infra
red
SPI2/3/
I2S2/3/
TIM1/8/
Infrared
USART1/2/
3
I2C3/4
/UART4/
LPUART1/
GPCOMP1/
2/3
TIM1/8/15/
FDCAN1
TIM2/3/4/8/
17
LPTIM1/TI
M1/8/FDCA
N1
LPUART1/
SAI1/TIM1
SAI1/
OPAMP2
UART4/SAI
1/TIM2/15/
UCPD1
EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com