Electronic Components Datasheet Search
  English  ▼

X  

32G431 Datasheet(PDF) 85 Page - STMicroelectronics

Part # 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 81Page - STMicroelectronics 32G431 Datasheet HTML 82Page - STMicroelectronics 32G431 Datasheet HTML 83Page - STMicroelectronics 32G431 Datasheet HTML 84Page - STMicroelectronics 32G431 Datasheet HTML 85Page - STMicroelectronics 32G431 Datasheet HTML 86Page - STMicroelectronics 32G431 Datasheet HTML 87Page - STMicroelectronics 32G431 Datasheet HTML 88Page - STMicroelectronics 32G431 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 198 page
background image
IDD
(LPSleep)
Supply current
in Low-power
sleep mode
fHCLK = fHSE
all peripherals disable
2 MHz
180
335
810
1450
2500
1600 2900 4600
7700 13000
μA
1 MHz
135
300
770
1400
2450
1200 2400 4100
7100 12000
250 KHz
115
265
740
1350
2400
670
2000 3600
6300
11000
62.5 KHz 89.5
255
730
1350
2400
660
1900 3600
6300
11000
fHCLK = fHSI / HPRE
all peripherals disable
2 MHz
730
875
1350
1950
3000
1400 2600 4300
7200 12000
1 MHz
675
830
1300
1950
3000
1400 2600 4300
7200 12000
250 KHz
655
820
1300
1950
3000
1400 2600 4300
7200 12000
62.5 KHz
680
850
1300
1950
3000
1400 2600 4300
7200 12000
Table 27. Current consumption in Sleep and Low-power sleep mode Flash ON (continued)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
Table 28. Current consumption in low-power sleep modes, Flash in power-down
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD
(LPSleep)
Supply current
in low-power
sleep mode
fHCLK = fHSE
all peripherals
disable
-
2 MHz
175
290
805
1450
2500
750
2000 3700
6400
11000
μA
1 MHz
125
280
765
1400
2450
700
2000 3700
6400
11000
250 KHz
105
240
735
1350
2400
670
1900 3700
6400
11000
62.5 KHz
105
245
725
1350
2400
660
1900 3700
6400
11000
fHCLK = fHSI
all peripherals
disable
-
2 MHz
670
830
1350
1950
3000
1400 2600 4300
7200 12000
1 MHz
655
825
1300
1950
3000
1400 2600 4300
7200 12000
250 KHz
635
825
1300
1900
2950
1400 2600 4300
7100 12000
62.5 KHz
640
840
1300
1900
2950
1200 2200 3700
6200
11000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com