Electronic Components Datasheet Search
  English  ▼

X  

32G431 Datasheet(PDF) 15 Page - STMicroelectronics

Part # 32G431
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32G431 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button 32G431 Datasheet HTML 11Page - STMicroelectronics 32G431 Datasheet HTML 12Page - STMicroelectronics 32G431 Datasheet HTML 13Page - STMicroelectronics 32G431 Datasheet HTML 14Page - STMicroelectronics 32G431 Datasheet HTML 15Page - STMicroelectronics 32G431 Datasheet HTML 16Page - STMicroelectronics 32G431 Datasheet HTML 17Page - STMicroelectronics 32G431 Datasheet HTML 18Page - STMicroelectronics 32G431 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 198 page
background image
DS12589 Rev 6
15/198
STM32G431x6 STM32G431x8 STM32G431xB
Description
43
12-bit ADCs
Number of channels
2
11
17 in LQFP48
18 in UFQFPN48
18 in WLCSP49
23
23
23
12-bit DAC
Number of channels
2
4 (2 external + 2 internal)
Internal voltage reference
buffer
Yes
Analog comparator
4
Operational amplifiers
3
Max. CPU frequency
170 MHz
Operating voltage
1.71 V to 3.6 V
Operating temperature
Ambient operating temperature: -40 to 85 °C / -40 to 125 °C
Packages
LQFP32/
UFQFPN32
LQFP48/
UFQFPN48/
WLCSP49
LQFP64/
UFBGA64
LQFP80
LQFP100
1. The SPI2/3 interfaces can work in an exclusive way in either the SPI mode or the I2S audio mode.
Table 2. STM32G431x6/x8/xB features and peripheral counts (continued)
Peripheral
STM32G431Kx
STM32G431Cx
STM32G431Rx STM32G431Mx STM32G431Vx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com