Electronic Components Datasheet Search
  English  ▼

X  

GV2MP02 Datasheet(PDF) 19 Page - Schneider Electric

Part # GV2MP02
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2MP02 Datasheet(HTML) 19 Page - Schneider Electric

Back Button GV2MP02 Datasheet HTML 15Page - Schneider Electric GV2MP02 Datasheet HTML 16Page - Schneider Electric GV2MP02 Datasheet HTML 17Page - Schneider Electric GV2MP02 Datasheet HTML 18Page - Schneider Electric GV2MP02 Datasheet HTML 19Page - Schneider Electric GV2MP02 Datasheet HTML 20Page - Schneider Electric GV2MP02 Datasheet HTML 21Page - Schneider Electric GV2MP02 Datasheet HTML 22Page - Schneider Electric GV2MP02 Datasheet HTML 23Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
19
10/02
© 2001-2002 Schneider Electric All Rights Reserved
Magnetic Fault Indication Device
The magnetic fault indication device either differentiates a thermal fault from a magnetic fault or opens
the contactor only in the event of a thermal fault (see page 18).
Undervoltage Trip GV7AU
The undervoltage trip opens the motor starter when the control voltage drops below the tripping
threshold of 0.35–0.7 times the rated voltage. For the starter contacts to be closed again, the control
voltage must be above 0.85 times the rated voltage. The GV7AU undervoltage trip meets the
requirements of IEC 60947-2. For location of the undervoltage trip unit, see page 18.
Shunt Trip GV7AS
The shunt trip opens the motor starter when the control voltage rises above 0.7 times the rated voltage.
For location of the shunt trip unit, see page 18.
Operation (GV7AU or GV7AS)
When the motor starter has been tripped by a GV7AU or AS trip, it must be reset either locally or by
remote control. (For remote control, please consult your Square D Regional Sales Office).
Tripping has priority over manual closing. If a tripping instruction is present, manual action does not
result in the closing of the contacts even temporarily.
Both the undervoltage trip and shunt trip have a durability of 50% of the mechanical life of the motor
starter.
Voltage
Catalog Number
Weight / kg (lbs)
24–48 VAC / 24–72 VDC
GV7AD111
0.100 (0.22)
110–240 VAC/DC
GV7AD112
0.100 (0.22)
Type
Voltage
Catalog Number
Weight / kg (lbs)
Undervoltage Trip
48V, 50 Hz
GV7AU055
0.105 (0.23)
110–130 V, 50/60 Hz
GV7AU107
0.110 (0.24)
200–240 V, 50/60 Hz
GV7AU207
0.110 (0.24)
380–440 V, 50/60 Hz
GV7AU387
0.105 (0.23)
525 V, 50 Hz
GV7AU525
0.100 (0.22)
Shunt Trip
48V, 50 Hz
GV7AS055
0.105 (0.23)
110–130 V, 50/60 Hz
GV7AS107
0.110 (0.24)
200–240 V, 50/60 Hz
GV7AS207
0.110 (0.24)
380–440 V, 50/60 Hz
GV7AS387
0.105 (0.23)
525 V, 50 Hz
GV7AS525
0.100 (0.22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com