Electronic Components Datasheet Search
  English  ▼

X  

GV2MP02 Datasheet(PDF) 46 Page - Schneider Electric

Part # GV2MP02
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2MP02 Datasheet(HTML) 46 Page - Schneider Electric

Back Button GV2MP02 Datasheet HTML 42Page - Schneider Electric GV2MP02 Datasheet HTML 43Page - Schneider Electric GV2MP02 Datasheet HTML 44Page - Schneider Electric GV2MP02 Datasheet HTML 45Page - Schneider Electric GV2MP02 Datasheet HTML 46Page - Schneider Electric GV2MP02 Datasheet HTML 47Page - Schneider Electric GV2MP02 Datasheet HTML 48Page - Schneider Electric GV2MP02 Datasheet HTML 49Page - Schneider Electric GV2MP02 Datasheet HTML 50Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
46
10/02
Current Limitation on Short-Circuit for GV7R
3-phase 400/415 V
Dynamic stress
1 peak = f (Prospective Isc)
For GV7RE only
Limited peak current (kA)
1GV7RE220
2GV7RE150
3GV7RE100
Prospective short-circuit current, Isc (kA)
For GV7RS only
Limited peak current (kA)
1GV7RS220
2GV7RS150
3GV7RS100
Prospective short-circuit current, Isc (kA)
4
10
2
5
7
60
20
10
50
100
30
3
4
6
100
20
30
40
60
40
70
550
1
2
3
6
8
80
70
4
10
2
5
7
60
20
10
50
100
30
34
6
100
20
30
40
60
40
70
550
6
8
80
1
2
3
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com