Electronic Components Datasheet Search
  English  ▼

X  

GV2MP02 Datasheet(PDF) 15 Page - Schneider Electric

Part # GV2MP02
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2MP02 Datasheet(HTML) 15 Page - Schneider Electric

Back Button GV2MP02 Datasheet HTML 11Page - Schneider Electric GV2MP02 Datasheet HTML 12Page - Schneider Electric GV2MP02 Datasheet HTML 13Page - Schneider Electric GV2MP02 Datasheet HTML 14Page - Schneider Electric GV2MP02 Datasheet HTML 15Page - Schneider Electric GV2MP02 Datasheet HTML 16Page - Schneider Electric GV2MP02 Datasheet HTML 17Page - Schneider Electric GV2MP02 Datasheet HTML 18Page - Schneider Electric GV2MP02 Datasheet HTML 19Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
15
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2ME Enclosures
Application
Type
Degree of Protection
of Enclosure
Catalog Number
Weight / kg (lbs)
For GV2ME manual starters and
protectors with or without accessories
(maximum of 1 accessory on right and
left for GV2MC and GV2MP01 or
MP02, 1 accessory only on right for
GV2MP03 and GV2MP04)
Surface mounting,
double insulated with
protective (saleable) cover.
IP 41
GV2MC01
0.290 (0.64)
IP 55
GV2MC02
0.300 (0.66)
IP 55 for
temperature < + 5 °C (41 °F)
GV2MC03
0.300 (0.66)
Flush with protective cover.
IP 41 (full size) mounting
GV2MP01
0.115 (0.25)
IP 41 (reduced size)
GV2MP03
0.115 (0.25)
IP 55 (full size)
GV2MP02
0.130 (0.29)
IP 55 (reduced size)
GV2MP04
0.130 (0.29)
Front Plate
Application
Degree of Protection
of Enclosure
Sold in Lots Of
Catalog
Number
Weight / kg (lbs)
Padlocking device (1)
for GV2M operator
(padlocking is only
possible in the “O”
position)
1
GV2V01
0.075 (0.17)
Mushroom head “stop”
pushbutton (1) Ø 40
mm, red
Spring return
1
GV2K011
0.052 (0.11)
Latching
Key release (key #455)
1
GV2K021
0.100 (0.22)
Turn to release
1
GV2K031
0.052 (0.11)
Latching/Padlockable
Turn to release
1
GV2K04
0.120 (0.26)
Sealing kit
For enclosures
and front plate
IP 55
10
GV2E01
0.120 (0.26)
IP 55 for
temperature < + 5 °C (41 °F)
10
GV2E02
0.120 (0.26)
Neutral link
10
GV2N01
0.030 (0.06)
Description
Voltage
Color
Sold in Lots Of
Catalog
Number
Weight / kg (lbs)
Neon indicator light (2)
110 V
Green
10
GV2SN13
0.019 (0.06)
Red
10
GV2SN14
0.019 (0.06)
Orange
10
GV2SN15
0.019 (0.06)
Clear
10
GV2SN17
0.019 (0.06)
220/240 V
Green
10
GV2SN23
0.019 (0.06)
Red
10
GV2SN24
0.019 (0.06)
Orange
10
GV2SN25
0.019 (0.06)
Clear
10
GV2SN27
0.019 (0.06)
380/440 V
Green
10
GV2SN33
0.019 (0.06)
Red
10
GV2SN34
0.019 (0.06)
Orange
10
GV2SN35
0.019 (0.06)
Clear
10
GV2SN37
0.019 (0.06)
(1) Supplied with IP 55 sealing kit.
(2) Leads are approximately 9.5" (260 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com