Electronic Components Datasheet Search
  English  ▼

X  

GV2MP02 Datasheet(PDF) 22 Page - Schneider Electric

Part # GV2MP02
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2MP02 Datasheet(HTML) 22 Page - Schneider Electric

Back Button GV2MP02 Datasheet HTML 18Page - Schneider Electric GV2MP02 Datasheet HTML 19Page - Schneider Electric GV2MP02 Datasheet HTML 20Page - Schneider Electric GV2MP02 Datasheet HTML 21Page - Schneider Electric GV2MP02 Datasheet HTML 22Page - Schneider Electric GV2MP02 Datasheet HTML 23Page - Schneider Electric GV2MP02 Datasheet HTML 24Page - Schneider Electric GV2MP02 Datasheet HTML 25Page - Schneider Electric GV2MP02 Datasheet HTML 26Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
22
10/02
GV2 SPECIFICATIONS
Environment
Type
GV2ME
GV2P
LS1D30, LS1D303
LS1D32, LS1DT32,
LS1D323
Conforming to standards
IEC 60947-1, 60947-2, 60947-4-1, EN 60204, BS 4752, BS 4941, UL 508, CSA C22.2 No. 14, NF C 63-650, NFC63-120, 79-130, VDE 0113, 0660.
Product approvals
DEMKO, NEMKO, SEMKO, CSA. UL, BV, GL,
LROS, DNV, PTB
CSA, UL, PTB
UL, CSA
BV
UL File Number
File E164864, CCN NLRV
––
CSA File Number
File LR 81630, Class 3211 05
–
–
Protective treatment
–
–
“TH”
“TH”
Degree of protection
conforming to IEC 60529
In enclosure GV2ME01:
IP 41 In enclosure GV2ME02: IP 55
––
–
Shock resistance
conforming to IEC 60068-2-27
30 g
30 g
–
–
Vibration resistance
conforming to IEC 60068-2-6
5 g (5 to 150 Hz)
5 g (5 to 150 Hz)
–
–
Ambient air temperature
- storage
-40 to +176 °F (-40 to + 80 °C)
–
–
- operation
-4 to +140 °F (-20 to + 60 °C) Open
-4 to 104 °F enclosed (-20 to 40 °C) Enclosed
-4 to +140 °F (-20 to + 60 °C)
-58 to +158 °F
(-50 to +70 °C)
-58 to +158 °F
(-50 to +70 °C)
Temperature compensation
-4 to +140 °F (-20 to + 60 °C) Open
-4 to 104 °F enclosed (-20 to 40 °C) Enclosed
-4 to +140 °F (-20 to + 60 °C)
–
–
Flame resistance
conforming to IEC 60695-2-1
1760 °F (960 °C)
Maximum operating altitude
6562 ft (2000 m)
6562 ft (2000 m)
–
–
Operating positions
in relation to normal
vertical mounting position
± 23 °
–
Wiring
Number of conductors and cross
Max
Min
Max
Min
Max
Min
sectional area (c.s.a.)
Solid cable
2-#8 AWG (2-6 mm2)
2-#16 AWG (2-1 mm2)
2-#8 AWG (2-6 mm2)
2-#16 AWG (2-1 mm2)
2-#8 AWG (2-6 mm2)
2-#16 AWG (2-1 mm2)
Flexible cable without cable end
2-#8 AWG (2-6 mm2)
2-#14 AWG (2-1 mm2)
2-#8 AWG (2-6 mm2)
2-#14 AWG (2-1 mm2)
2-#8 AWG (2-6 mm2)
2-#14 AWG (2-1 mm2)
Flexible cable with cable end
2-#10 AWG (2-4 mm2)
2-#16 AWG (2-1 mm2)
2-#10 AWG (2-4 mm2)
2-#16 AWG (2-1 mm2)
2-#10 AWG (2-4 mm2)
2-#16 AWG (2-1 mm2)
Suitable for isolation
conforming to IEC 60947-1 § 7-1-
6
Yes
Yes
No
No
Tightening torque
15 lb-in (1.7 N•m)
Resistance to
mechanical impact
0.5 J
0.5 J
Sensitivity to phase failure
Yes, conforming to IEC 60947-4-1, paragraph 7-2-1-5-2
No
No
30°
30°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com