Electronic Components Datasheet Search
  English  ▼

X  

WM8711 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8711 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
4
PIN CONFIGURATION – 28-LEAD QFN
RHPOUT
LHPOUT
HPVDD
NC
NC
DACLRC
DACDAT
28
27
26
25
24
23
22
NC
RLINEIN
LLINEIN
MODE
CSB
SDIN
SCLK
123
45
6
7
8
10
9
11
14
13
12
21 20 19
18 17
16 15
ORDERING INFORMATION – 28-LEAD QFN
DEVICE
TEMPERATURE
RANGE
AVDD RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8711GEFL
-25 to 85
oC
2.7 to 3.6V
28 QFN
(lPb free)
MSL1
260°C
WM8711GEFL/R
-25 to 85
oC
2.7 to 3.6V
28 QFN
(Pb free, tape and
reel)
MSL1
260°C
WM8711LGEFL
-25 to 85
oC
1.8 to 3.6V
28 QFN
(Pb free)
MSL 1
260°C
WM8711LGEFL/R
-25 to 85
oC
1.8 to 3.6V
28 QFN
(Pb free, tape and
reel)
MSL 1
260°C
Note:
Reel quantity = 3,500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com