Electronic Components Datasheet Search
  English  ▼

X  

WM8711 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8711 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
20
The scheme of the circuit is shown in Figure 10.
VMID
HPOUT
FROM
DAC VIA
LINEOUT
Figure 10 Headphone Amplifier Schematic
LHPOUT and RHPOUT volumes can be independently adjusted under software control using the
LHPVOL[6:0] and RHPVOL[6:0] bits respectively of the headphone output control registers. The
adjustment is logarithmic with an 80dB range in 1dB steps from +6dB to –73dB.
The headphone outputs can be separately muted by writing codes less than 0110000 to LHPVOL[6:0]
or RHPVO[6:0]L bits. Whenever the headphone outputs are muted or the device placed into standby
mode, the DC voltage is maintained at the line outputs to prevent any audible clicks from being
present.
A zero cross detect circuit is provided at the input to the headphones under the control of the LZCEN
and RZCEN bits of the headphone output control register. Using these controls the volume control
values are only updated when the input signal to the gain stage is close to the analogue ground level.
This minimises and audible clicks and zipper noise as the gain values are changed or the device
muted. Note that this circuit has no time out so if only DC levels are being applied to the gain stage
input of more than approximately 20mV, then the gain will not be updated. This zero cross function is
enabled when the LZCEN and RZCEN bit is set high during a volume register write. If there is
concern that a DC level may have blocked a volume change (one made with LZCEN or RZCEN set
high) then a subsequent volume write of the same value, but with the LZCEN or RZCEN bit set low
will force a volume update, regardless of the DC level.
LHPOUT and RHPOUT volume and zero-cross setting can be changed independently. Alternatively,
the user can lock the two channels together, allowing both to be updated simultaneously, halving the
number of serial writes required, provided that the same gain is needed for both channels. This is
achieved through writing to the HPBOTH bit of the control register. Setting LRHPBOTH whilst writing
to LHPVOL and LZCEN will simultaneously update the Right Headphone controls similarly. The
corresponding effect on updating RLHPBOTH is also achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com