Electronic Components Datasheet Search
  English  ▼

X  

WM8711 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8711 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
19
The software control for the line outputs is shown in Table 4.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
BYPASS
1
Bypass Switch
1 = Enable Bypass
0 = Disable Bypass
0000100
Analogue
Audio Path
Control
4
DACSEL
0
DAC Select
1 = Select DAC
0 = Don’t select DAC
Table 4 Output Software Control
The recommended external components are shown in Figure 9.
AGND
R1
C1
AGND
LINEOUT
R2
Figure 9 Line Outputs Application Drawing
Recommended values are C1 = 10
µF, R1 = 47k, R2 = 100Ω
C1 forms a DC blocking capacitor to the line outputs. R1 prevents the output voltage from drifting so
protecting equipment connected to the line output. R2 forms a de-coupling resistor preventing
abnormal loads from disturbing the device. Note that poor choice of dielectric material for C1 can
have dramatic effects on the measured signal distortion at the output.
HEADPHONE AMPLIFIER
The WM8711/L has a stereo headphone output available on LHPOUT and RHPOUT. The output is
designed specifically for driving 16 or 32 ohm headphones with maximum efficiency and low power
consumption. The headphone output includes a high quality volume level adjustment and mute
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com