Electronic Components Datasheet Search
  English  ▼

X  

WM8711 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8711 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
12
WM8711L HEADPHONE SNR VS AVDD
24-bit data; DCVDD=1.5V; DBVDD=1.8V; Load=32Ohm; fs=44.1kHz; Output=-5dBFS (sine)
SNR vs AVDD (DAC Playback to Headphone)
90
91
92
93
94
95
96
97
98
99
1.5
2
2.5
3
3.5
4
AVDD = HPVDD (V)
WM8711L ANALOGUE SUPPLY CURRENT VS AVDD
24-bit data; DCVDD=1.5V; DBVDD=1.8V; Load=16Ohm; fs=44.1kHz; Output=quiescent
Supply Current vs AVDD (DAC Playback to Headphone)
1.5
2
2.5
3
3.5
4
1
1.5
2
2.5
3
3.5
4
AVDD = HPVDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com