Electronic Components Datasheet Search
  English  ▼

X  

A7108 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # A7108
Description  315/433/868/915MHz FSK/GFSK Transceiver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A7108 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button A7108 Datasheet HTML 17Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 18Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 19Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 20Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 21Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 22Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 23Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 24Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
A7108
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
AMICCOM Electronics Corporation
21
9. 2. 7. 10 VCO cu rren t ( Ad d ress : 06h ) P ag e 10
Address/Name R/W Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit 9 Bit 8 Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
W
-
-
-
-
-
-
-
-
-
-
-
VCOC3 VCOC2 VCOC1 VCOC0 MVCS
06h
VCB
R
VCCF
VCB3
VCB2
VCB1
VCB0
Reset
-
-
-
-
-
-
-
-
-
-
-
0
0
0
0
0
VCOC [3:0]: VCO Current Bank Calibration result.
如果 SWT 设定为 [0]: VCOC= [1000].
如果 SWT 设定为 [1]: 手动设定 VCOC[3:0]. 建议 VCOC 设定为 [0000].
注意: SWT 是为于地址 0Fh 的缓存器,建议 SWT 设定为[1]。
MVCS: VCO current calibration select. 建议 MVCS 设定为 [0]。
[0]: 自动。 [1]: 手动。
VCO band 校正结果可由 V C B [2:0] 获 得。
VCCF : VCO Current Auto Calibration Flag (只读)。
[0]: P a s s. [1]: F a i l.
V C B [2 :0 ]: V C O C u rrent Bank Calib ra tio n Value ( 只读 )。
MVCS= 0: 自动校正值。
MVCS= 1: 手动校正值。
9.2.7.11 Channel Group (I) (Address: 06h) Page 11
Address/Name R/W Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit 9 Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
W
FPL3
FPL2
FPL1 FPL0
IPL7
IPL6
IPL5
IPL4
IPL3
IPL2
IPL1
IPL0
06h
CHG1
R
FPL3
FPL2
FPL1 FPL0
IPL7
IPL6
IPL5
IPL4
IPL3
IPL2
IPL1
IPL0
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FPL [7:0]: VCO Calibration Fractional Part Setting for Low Boundary Channel Group.
请参考 A7108 的 reference code 设定所要的频率。
IPL [7:0]: VCO Calibration Integer Part Setting for Low Boundary Channel Group.
请参考 A7108 的 reference code 设定所要的频率。
9. 2. 7. 12 Ch an n el G ro u p (I I ) ( Ad d ress: 06h ) P ag e 12
Address/Name R/W Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
W
FPH3 FPH2 FPH1 FPH0 IPH7
IPH6
IPH5
IPH4
IPH3
IPH2
IPH1
IPH0
07h
CHG1
R
FPH3 FPH2 FPH1 FPH0 IPH7
IPH6
IPH5
IPH4
IPH3
IPH2
IPH1
IPH0
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FPH [7:0]: VCO Calibration Frational Part Setting for High Boundary Channel Group.
请参考 A7108 的 reference code 设定所要的频率。
IPL [7:0]: VCO Calibration Integer Part Setting for High Boundary Channel Group.
请参考 A7108 的 reference code 设定所要的频率。
9. 2. 8 T X II (Add ress: 07h )
Address/Name R/W Bit15
Bit14 Bit13 Bit12 Bit11 Bit10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
07h
TX II
W
MCNTR DPR2 DPR1 DPR0
BT1
BT0
TDL1 TDL0 TXDI PAC1 PAC0 TDC1 TDC0 TBG2 TBG1 TBG0
R
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Reset
0
0
0
0
0
0
0
0
0
0
1
1
0
1
1
1
MCNTR: Divided by 2 select.
[0]:
M
PF 8
=
2
MCNT ¸
f
公式中的 PF8M 是 base band 的时钟来源之 1。
[1]:
M
PF 8
=
MCNT
f
公式中的
])
0
:
1
[
(
MCNT
MCNT
f
f
MSCK ¸
=
,位于地址 0x06 赞存器 page 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com