Electronic Components Datasheet Search
  English  ▼

X  

A7108 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # A7108
Description  315/433/868/915MHz FSK/GFSK Transceiver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A7108 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button A7108 Datasheet HTML 9Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 10Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 11Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 12Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 13Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 14Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 15Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 16Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
A7108
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
AMICCOM Electronics Corporation
13
RRC [3:0]可用于将石英震荡器除频以得到比较频率(fPFD)。
1
]
0
:
3
[
PFD
+
=
RRC
f
f
xtal
, 可参考第 13 章有更详细的说明。
IP[7:0]: LO 频率整数部分设定。
可参考第 13 章有更详细的说明。
9. 2. 3 PL L II (Add ress: 02h )
Address/Name R/W Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
02h
PLL II
W
FP15 FP14 FP13 FP12
FP11
FP10
FP9
FP8
FP7
FP6
FP5
FP4
FP3
FP2
FP1
FP0
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FP[15:0]: LO 频率小数部分设定。
)
2
]
0
:
15
[
]
0
:
7
[
(
1
16
RF
FP
IP
f
n
f
PFD
+
×
=
(unit: Hz)
公式中的
RF
f
是 RF 频率, n 是 VCO 除法器。
公式中
)
1
]
0
:
3
[
(
PFD
+
¸
=
RRC
f
f
Xtal
,是 RF_PLL 的比较频率。
设定 MD = [01],则 n = 2,是使用 868M / 915MHz band
设定 MD = [10] ,则 n =4,是使用 433M / 510MHz band
设定 MD = [11] ,则 n =6, 315MHz band
注意 1: MD[1:0] 位于地址 04h [Bit12, Bit8].
注意 2: 请参考参考第 13 章有更详细的说明。
9.2.4 PLL III (Address: 03h)
Address/Name R/W Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
W
AFC MC14 MC13 MC12 MC11 MC10 MC9
MC8
MC7
MC6
MC5
MC4 MC34 MC24 MC1
MC0
03h
PLL III
R
AFC MC14 MC13 MC12 MC11 MC10 MC9
MC8
MC7
MC6
MC5
MC4 MC34 MC24 MC1
MC0
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AFC: 自动频率补偿设定。建议 AFC 设定为 [1].
[0]: 手动
[1]: 自动
MC[14:0]: PLL 小数部份补偿值。
[W r i t e] :当 AFC 为 [0] 时,手动设定 LO 小 数的 补 偿值。
[Read] :当 AFC 为 [1] 时,频率的位移。
9. 2. 5 PL L IV (Add ress: 04h )
Address/Name R/W Bit15
Bit14 Bit13 Bit12 Bit11 Bit10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
04h
PLL IV
W
ROSCS RSIS CKX2 MD1
PDL2 PDL1 PDL0 MD0 VCS1 VCS0
CPS CPC1 CPC0 SDPW NSDO
EDI
Reset
0
0
0
0
0
1
1
0
0
0
1
0
1
0
0
0
ROSCS: WOR (Wake-On-RX) 功能的 RC 震荡器设定。
[0]: 单一模式
[1]: dif ferential 模示
RSIS: 保留内部使用。RSIS 应该设定为 [0]。
CKX2: 保留内部使用。 CKX2 应该设定为 [0]。
MD[1:0]: [MD1, MD0] = [Bit12, Bit8] 。
收发器传输频段设定
[00]: 将 RF 设定在 800MHz 与 915 MHz。
[01]: 将 RF 设定在 800MHz 与 915 MHz。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com